Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPC5601 Datasheet(PDF) 9 Page - IXYS Corporation

Part # CPC5601
Description  Auxiliary Programmable Driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5601 Datasheet(HTML) 9 Page - IXYS Corporation

Back Button CPC5601 Datasheet HTML 5Page - IXYS Corporation CPC5601 Datasheet HTML 6Page - IXYS Corporation CPC5601 Datasheet HTML 7Page - IXYS Corporation CPC5601 Datasheet HTML 8Page - IXYS Corporation CPC5601 Datasheet HTML 9Page - IXYS Corporation CPC5601 Datasheet HTML 10Page - IXYS Corporation CPC5601 Datasheet HTML 11Page - IXYS Corporation CPC5601 Datasheet HTML 12Page - IXYS Corporation CPC5601 Datasheet HTML 13Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5601
R04
www.ixysic.com
9
2.6 Figure 4. Part List
Qty.
Reference
Value
Suppliers
1
U1
CPC562x LITELINK III
IXYS Integrated Circuits Division
1
U4
CPC5601 Auxiliary Programmable Driver
1
Q1
CPC5602C N-Channel Depletion-Mode FET
1
DB1
S1ZB60 or DB104 Bridge Rectifier
Sindengen Co., Diodes, Inc.
1
SP1
P3100SB Sidactor
Teccor, TI, ST Microelectronics
1
FB1
600
, 200 mA ferrite bead
Murata BLM11A601S or similar
1C1
1
F, 16 V, ± 10%
Panasonic, AVX, Novacap, Murata, SMEC
4
C2, C9, C13, C14 0.1
F, 16 V, ± 10%
2C7, C8
220 pF, 2 kV, ±5%1
2C10, C15
0.01
F, 500 V, ± 10%1
1
C12
0.027
F, 16 V, ± 10%
1C15
0.0022
F, 500 V, ± 10%1
1C16
10
F, 16 V, ± 10%
1
C18
15 pF, 50 V, ± 10%
1
C21
100 pF, 50 V, ± 10%
1
C29
1.5
F, 16 V, ± 10%
1
C30
0.47
F, 300 V, ± 10%
1
C31
0.68
F, 16 V, ± 10%
1
C32
0.47
F, 16 V, ± 10%
1
C33
0.024
F, 16 V, ± 10%
1
C34
2.2
F, 16 V, ± 10%
1
R1
80.6 K
, 1/16W, ± 1%
Panasonic, Electro Films, FMI, Vishay, etc.
1
R2
130 K
, 1/16W, ± 1%
1
R3
1.5 M
, 1/16W, ± 1%
1
R4
68.1
, 1/16W, ± 1%
1
R5
60.4 K
, 1/16W, ± 1%
4
R6, R7, R44, R45 1.8 M
, 1/10W, ± 1%
1
R8
221 K
, 1/16W, ± 1%
2
R10, R12
499 K
, 1/16W, ± 1%
1
R13
501 K
, 1/16W, ± 1%
1R14
47
, 1/16W, ± 1%
1
R15
1.69 M
, 1/16W, ± 1%
1
R16
8.2
, 1/16W, ± 1%
1R18
10 K
, 1/16W, ± 1%
1R20
2
, 1/16W, ± 1%
1
R21
6.2 M
, 1/4W, ± 1%
1
R22
6.8 M
, 1/4W, ± 1%
1R23
10
, 1/16W, ± 5% or 220 H inductor
1R64
10 k
, 1/16W, ± 5%
1
R65
470
, 1/16W, ± 5%
1
R66
150
, 1/16W, ± 1%
1
R67
301
, 1/16W, ± 1%
1
R71
165
, 1/16W, ± 1%
1R72
59
, 1/16W, ± 1%
1
R73
optional, see text
1
R75
402 k
, 1/16W, ± 1%
1
R76
100 k
, 1/16W, ± 5%
1
R77
499 k
, 1/16W, ± 1%
1
R78
200 k
, 1/16W, ± 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com