Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPC5601 Datasheet(PDF) 11 Page - IXYS Corporation

Part # CPC5601
Description  Auxiliary Programmable Driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5601 Datasheet(HTML) 11 Page - IXYS Corporation

Back Button CPC5601 Datasheet HTML 7Page - IXYS Corporation CPC5601 Datasheet HTML 8Page - IXYS Corporation CPC5601 Datasheet HTML 9Page - IXYS Corporation CPC5601 Datasheet HTML 10Page - IXYS Corporation CPC5601 Datasheet HTML 11Page - IXYS Corporation CPC5601 Datasheet HTML 12Page - IXYS Corporation CPC5601 Datasheet HTML 13Page - IXYS Corporation CPC5601 Datasheet HTML 14Page - IXYS Corporation CPC5601 Datasheet HTML 15Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5601
R04
www.ixysic.com
11
3.2 Programming Protocol
Figure 5. Latch Circuit Timing to Turn an Output On
A setup pulse on the input of at least 50
S starts the
bit programming sequence. The trailing edge of the
setup pulse starts a timer on the CPC5601 (t0). After
140
S, the value of the input is latched into the shift
register.
To set an output, hold the input high for 200
S from
the leading edge after the setup pulse. This turns on
the corresponding open-drain FET to sink current.
Figure 6. Latch Circuit Timing to Turn an Output Off
To clear an output, hold the input high for 50
S after
the setup pulse, then take the input low for at least 150
S.
Repeat the sequence of the setup pulse followed by
the appropriate input condition for each successive bit.
Bear the following in mind while programming the
CPC5601:
• All bits must be set in each programming sequence,
even to change just one of the outputs.
• Data is placed in least-significant bit (output 1) first.
• After setting all the bits, take the input low. In the
absence of low-to-high transitions on the input, the
internal CPC5601 clock is held high, preventing any
output changes.
• The CPC5601 does not employ a shift register load
function. As new data is shifted into the flip-flops, the
outputs (starting with b1) change throughout the
data input sequence.
3.3 Programming Example
This programming example sets the following
CPC5601 output state, suitable for a European DAA:
INPUT (pin 3)
CLOCK
B1 (pin 13)
140 s
200 s
B1 output FET on (sinking current)
B1 output FET (drain open)
t0
>=50 s (tsetup)
thold
Transition after setup time
initiates clock pulse
First
reads data
at the rising edge of the clock
B1 output FET (drain open)
Transition after setup time
initiates clock pulse
First
reads data
at the rising edge of the clock
INPUT (pin 3)
CLOCK
B1 (pin 13)
140 s
B1 output FET on (sinking current)
t0
50 s
>=50 s (tsetup)
150 s min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com