Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS47024 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS47024
Description  CS470xx Data Sheet
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47024 Datasheet(HTML) 1 Page - Cirrus Logic

  CS47024 Datasheet HTML 1Page - Cirrus Logic CS47024 Datasheet HTML 2Page - Cirrus Logic CS47024 Datasheet HTML 3Page - Cirrus Logic CS47024 Datasheet HTML 4Page - Cirrus Logic CS47024 Datasheet HTML 5Page - Cirrus Logic CS47024 Datasheet HTML 6Page - Cirrus Logic CS47024 Datasheet HTML 7Page - Cirrus Logic CS47024 Datasheet HTML 8Page - Cirrus Logic CS47024 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Copyright
 Cirrus Logic, Inc. 2012
(All Rights Reserved)
http://www.cirrus.com
DS787PP9
JUL '12
CS470xx Data Sheet
Features
Cost-effective, High-performance 32-bit DSP
300,000,000 MAC/S (multiply accumulates per second)
Dual MAC cycles per clock
72-bit accumulators are the highest precision in the
industry
32K x 32-bit SRAM with three 2K blocks assignable to
either Y data or program memory
Integrated DAC and ADC Functionality
8Channels of 24-bit DAC output: 108dB DR, –98 dB
THD+N
4Channels of 24-bit ADC input: 105dB DR, –98 dB
THD+N
Integrated 5:1 analog mux feeds one stereo ADC
Configurable Serial Audio Inputs and Outputs
Integrated 192 kHz S/PDIF Rx
Integrated 192 kHz S/PDIF Tx
Supports 32-bit serial data @ 192 kHz
Supports 32-bit audio sample I/O between DSP chips
TDM I/O modes
Supports Different Sample Rates (Fs)
Three integrated hardware SRC blocks
Output can be master or slave
Supports dual-domain Fs on S/PDIF vs. I²S inputs
DSP Tool Set with Private Keys Protect Customer IP
Integrated Clock Manager/PLL
Flexibility to operate from internal PLL, external crystal,
external oscillator
Input Fs Auto Detection w/ µC Acknowledgement
Host Control and Boot via I²C™ or SPI™ Serial Interface
Configurable GPIOs and External Interrupt Input
1.8V Core and a 3.3V I/O that is tolerant to 5V input
Low-power Mode
†” features differ on CS47024, CS47028, or CS47048.
See Table 3-1.
The CS470xx family is a new generation of audio
system-on-a-chip (ASOC) processors targeted at high
fidelity, cost sensitive designs. Derived from the highly
successful CS48500 32-bit fixed-point audio enhancement
processor family, the CS470xx further simplifies system
design and reduces total system cost by integrating the S/
PDIF Rx, S/PDIF Tx, analog inputs, analog outputs, and
SRCs. For example, a hardware SRC can down-sample a
192 kHz S/PDIF stream to a lower Fs to reduce memory
and MIPS requirements for processing. This integration
effectively reduces the chip count from 3 to 1, which allows
smaller, less expensive board designs.
Target applications include:
Automotive head units and outboard amplifiers
Automotive processors and automotive integration hubs
Digital TV
MP3 docking stations
AVR and DVD RX
DSP controlled speakers (subwoofers, sound bars)
The CS470xx is programmed using the simple yet powerful
Cirrus proprietary DSP Composer™ GUI development and
pre-production tuning tool. Processing chains can be
designed using a drag-and-drop interface to place/utilize
functional macro audio DSP primitives and custom audio
filtering blocks. The end result is a software image that is
downloaded to the DSP via serial control port.
The Cirrus Framework™ programming environment offers
Assembly and C language compilers and other software
development tools for porting existing code to the CS470xx
family platform.
The CS470xx is available in a 100-pin LQFP package with
exposed pad for better thermal characteristics. Both
Commercial (0°C to +70°C) and Automotive (–40°C to
+85°C) temperature grades.
Ordering Information:
See Section 6 for ordering information.
CS470xx


Similar Part No. - CS47024

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS47024C-CQZ CIRRUS-CS47024C-CQZ Datasheet
692Kb / 40P
Audio SOC Processor Family
CS47024C-DQZ CIRRUS-CS47024C-DQZ Datasheet
692Kb / 40P
Audio SOC Processor Family
More results

Similar Description - CS47024

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
MC9S12E128CFUE FREESCALE-MC9S12E128CFUE Datasheet
3Mb / 606P
MC9S12E128 Data Sheet
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
DATA SHEET
logo
Cirrus Logic
CS47028 CIRRUS-CS47028 Datasheet
1Mb / 32P
CS470xx Data Sheet
logo
Aplus Intergrated Circu...
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
Data Sheet
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
Data Sheet
IVR3K42 APLUS-IVR3K42 Datasheet
342Kb / 11P
Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com