Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

QL8025 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # QL8025
Description  LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL8025 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button QL8025 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 9Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 10Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 11Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 12Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
‹ 4XLFN/RJLF &RUSRUDWLRQ
ZZZTXLFNORJLFFRP
‡
‡
‡
‡
‡
‡
(FOLSVH,,)DPLO\ 'DWD 6KHHW 5HY %
Preliminary

NOTE:
+) VWDQGV IRU KLJK IUHTXHQF\ DQG /) VWDQGV IRU ORZIUHTXHQF\
The input frequency can range from 16 MHz to 300 MHz, while output frequency ranges from
25 MHz to 250 MHz. When you add PLLs to your top-level design, be sure that the PLL mode
matches your desired input and output frequencies.
3//6LJQDOV
7DEOH  summarizes the key signals in QuickLogic's PLLs.
NOTE:
%HFDXVH 3//&/.B,1 DQG 3//B5(6(7 VLJQDOV KDYH3//B,13$' DQG 3//3$'B287
KDV 2873$'\RXGR QRWKDYH WRDGG DGGLWLRQDO SDGV WR\RXU GHVLJQ
7DEOH  3//0RGH )UHTXHQFLHV
3// 0RGHO
2XWSXW
)UHTXHQF\
,QSXW)UHTXHQF\ 5DQJH
2XWSXW )UHTXHQF\ 5DQJH
PLL_HF
Same as input
66 MHz–150 MHz
66 MHz–150 MHz
PLL_LF
Same as input
25 MHz–133 MHz
25 MHz–133 MHz
PLL_MULT2HF
2x
50 MHz–125 MHz
100 MHz–250 MHz
PLL_MULT2LF
2x
16 MHz–50 MHz
32 MHz–100 MHz
PLL_DIV2HF
1/2x
100 MHz–250 MHz
50 MHz–125 MHz
PLL_DIV2LF
1/2x
50 MHz–100 MHz
25 MHz–50 MHz
PLL_MULT4
4x
16 MHz–40 MHz
64 MHz–160 MHz
PLL_DIV4
1/4x
100 MHz–300 MHz
25 MHz–75 MHz
7DEOH4XLFN/RJLF3//6LJQDOV
6LJQDO1DPH
'HVFULSWLRQ
PLLCLK_IN
Input clock signal
PLL_RESET
Active High Reset If PLL_RESET is asserted, then CLKNET_OUT and
PLLPAD_OUT are reset to 0. This signal must be asserted and then released
in order for the LOCK_DETECT to work.
ONn_OFFCHIP
PLL output This signal selects whether the PLL will drive the internal clock
network or be used off-chip. This is a static signal, not a dynamic signal.
Tied to GND = outgoing signal drives internal gates.
Tied to VCC = outgoing signal used off-chip.
CLKNET_OUT
Out to internal gates This signal bypasses the PLL logic before driving the
internal gates. Note that this signal cannot be used in the same quadrant where
the PLL signal is used (PLLCLK_OUT).
PLLCLK_OUT
Out from PLL to internal gates This signal can drive the internal gates after
going through the PLL. For this to work, ONn_OFFCHIP must be tied to GND.
PLLPAD_OUT
Out to off-chip This outgoing signal is used off-chip. For this to work,
ONn_OFFCHIP signal must be tied to VCC.
LOCK_DETECT
Active High Lock detection signal NOTE: For simulation purposes, this
signal gets asserted after 10 clock cycles. However, it can take a maximum of
200 clock cycles to sync with the input clock upon release of the RESET signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com