Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

QL8025 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QL8025
Description  LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL8025 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QL8025 Datasheet HTML 1Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 2Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 3Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 4Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
ZZZTXLFNORJLFFRP
‹ 4XLFN/RJLF&RUSRUDWLRQ
‡
‡
‡
‡
‡
‡
(FOLSVH,, )DPLO\ 'DWD 6KHHW5HY %
Preliminary

4XLFN:RUNV'HVLJQ6RIWZDUH
The QuickWorks
package provides the most complete ESP and FPGA software solution from
design entry to logic synthesis, to place and route, and simulation. The package provides a
solution for designers who use third party tools from Cadence, Mentor, OrCAD, Synopsys,
Viewlogic, and other third-party tools for design entry, synthesis, or simulation.
3URFHVV'DWD
Eclipse-II is fabricated on a 0.18
µ, six layer metal CMOS process. The core voltage is
1.8 V Vcc supply and the I/Os are up to 3.3 V tolerant. The Eclipse-II product line is available in
commercial, industrial, and military temperature grades.
7DEOH  (FOLSVH,, 3URGXFW )DPLO\ 0HPEHUV
4/
4/
4/
4/
4/
Max Gates
47,052
63,840
188,946
248,160
320,640
Logic Array
16 x 8
16 x 16
32 x 20
40 x 24
48 x 32
Logic Cells
128
256
640
960
1,536
Max Flip-Flops
526
884
1,697
2,670
4,002
Max I/O
90
124
139
250
310
RAM Modules
4
4
16
20
24
RAM Bits
9,216
9,216
36,864
46,100
55,300
PLLs
0
0
0
4
4
ECUs
0
0
0
10
12
Packages
VQFP
100
100
100
-
-
CSBGA (0.8 mm)
196
196
196
-
-
PQFP
208
208
208
208
208
FBGA (0.8 mm)
-
-
-
280
280
BGA (1.0 mm)
-
-
-
484
484
7DEOH0D[,2SHU'HYLFH3DFNDJH&RPELQDWLRQ
'HYLFH
 94)3 &6%*$  34)3 &6%*$ 3%*$
QL8025
62
90
90
-
-
QL8050
62
100
124
-
-
QL8150
62
100
139
-
-
QL8250
-
-
115
163
250
QL8325
-
-
115
163
310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com