Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

QL8025 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # QL8025
Description  LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL8025 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button QL8025 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 9Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 10Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 11Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 12Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 13Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
ZZZTXLFNORJLFFRP
‹ 4XLFN/RJLF&RUSRUDWLRQ
‡
‡
‡
‡
‡
‡
(FOLSVH,, )DPLO\ 'DWD 6KHHW5HY %
Preliminary

,2&HOO6WUXFWXUH
Eclipse-II features a variety of distinct I/O pins to maximize performance, functionality, and
flexibility with bi-directional I/O pins and input-only pins. All input and I/O pins are 1.8 V, 2.5 V,
and 3.3 V tolerant and comply with the specific I/O standard selected. For single ended I/O
standards, VCCIO specifies the input tolerance and the output drive. For voltage referenced I/O
standards (e.g SSTL), the voltage supplied to the INREF pins in each bank specifies the input
switch point. For example, the VCCIO pins must be tied to a 3.3 V supply to provide 3.3 V
compliance. Eclipse-II can also support the LVDS and LVPECL I/O standards with the use of
external resistors ( see
7DEOH ).
As designs become more complex and requirements more stringent, several
application-specific I/O standards have emerged for specific applications. I/O standards for
processors, memories, and a variety of bus applications have become commonplace and a
requirement for many systems. In addition, I/O timing has become a greater issue with specific
requirements for setup, hold, clock to out, and switching times. Eclipse-II has addressed these new
system requirements and now includes a completely new I/O cell which consists of programmable
I/Os as well as a new cell structure consisting of three registers—Input, Output, and OE.
Eclipse-II offers banks of programmable I/Os that address many of the bus standards that are
popular today. As shown in
)LJXUH  each bi-directional I/O pin is associated with an I/O cell
which features an input register, an input buffer, an output register, a three-state output buffer, an
output enable register, and 2 two-to-one output multiplexers.
7DEOH,26WDQGDUGVDQG$SSOLFDWLRQV
,26WDQGDUG 5HIHUHQFH9ROWDJH 2XWSXW 9ROWDJH
$SSOLFDWLRQ
LVTTL
n/a
3.3 V
General Purpose
LVCMOS25
n/a
2.5 V
General Purpose
LVCMOS18
n/a
1.8 V
General Purpose
PCI
n/a
3.3 V
PCI Bus Applications
GTL+
1
n/a
Backplane
SSTL3
1.5
3.3 V
SDRAM
SSTL2
1.25
2.5 V
SDRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com