Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADT7301ARTZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADT7301ARTZ
Description  13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7301ARTZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADT7301ARTZ Datasheet HTML 5Page - Analog Devices ADT7301ARTZ Datasheet HTML 6Page - Analog Devices ADT7301ARTZ Datasheet HTML 7Page - Analog Devices ADT7301ARTZ Datasheet HTML 8Page - Analog Devices ADT7301ARTZ Datasheet HTML 9Page - Analog Devices ADT7301ARTZ Datasheet HTML 10Page - Analog Devices ADT7301ARTZ Datasheet HTML 11Page - Analog Devices ADT7301ARTZ Datasheet HTML 12Page - Analog Devices ADT7301ARTZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Preliminary Technical Data
ADT7301
Rev. PrJ | Page 9 of 14
SCLK
DOUT
DIN
POWER-
DOWN
LEADING ZEROS
DB13
DB0
12
3
4
15
16
t1
t2
t3
t4
t6
t5
t7
t8
DB12
DB1
DB0
CS
Figure 13. Serial Interface Timing Diagram
SERIAL INTERFACE
The serial interface on the ADT7301 consists of four wires: CS,
SCLK, DIN, and DOUT. The interface can be operated in 2-
wire mode with CS and DIN tied to ground, in which case the
interface has read-only capability, with data being read from the
data register via the DOUT line. It is advisable to utilize CS,
which improves synchronization between the ADT7301 and the
master device. The DIN line is used to write the part into
standby mode, if required. The CS line is used to select the
device when more than one device is connected to the serial
clock and data lines. The part operates in a slave mode and
requires an externally applied serial clock to the SCLK input to
access data from the data register. The serial interface on the
ADT7301 allows the part to be interfaced to systems that
provide a serial clock synchronized to the serial data, such as
the 80C51, 87C51, 68HC11, 68HC05 and PIC16Cxx
microcontrollers as well as DSP processors.
A read operation from the ADT7301 accesses data from the
temperature value register while a write operation to the part
writes data to the control register.
Read Operation
Figure 13 shows the timing diagram for a serial read from the
ADT7301. The CS line enables the SCLK input. Thirteen bits of
data plus a sign bit are transferred during a read operation.
Read operations occur during streams of 16 clock pulses. The
first two bits out are leading zeros and the next 14 bits contain
the temperature data. If CS remains low and 16 more SCLK
cycles are applied, the ADT7301 loops around and outputs the
two leading zeros plus the 14 bits of data that are in the temper-
ature value register. When CS returns high, the DOUT line goes
into three-state. Data is clocked out onto the DOUT line on the
falling edge of SCLK.
Write Operation
Figure 13 also shows the timing diagram for a serial write to the
ADT7301. The write operation takes place at the same time as
the read operation. Only the third bit in the data stream
provides a user-controlled function. This third bit is the power-
down bit, which, when set to a 1, puts the ADT7301 into
shutdown mode. Besides the power-down bit, all bits in the
input data stream should be zero to ensure correct operation of
the ADT7301. Data is loaded into the control register on the
16
th rising SCLK edge; the data takes effect at this time, i.e., if
the part is programmed to go into shutdown, it does so at this
point. If CS is brought high before this 16
th SCLK edge, the
control register is not loaded and the power-down status of the
part does not change. Data is clocked into the ADT7301 on the
rising edge of SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com