Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ELE Datasheet(PDF) 1 Page - Copal Electronics

Part # ELE
Description  Miniature Rocker Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ELE Datasheet(HTML) 1 Page - Copal Electronics

  ELE Datasheet HTML 1Page - Copal Electronics ELE Datasheet HTML 2Page - Copal Electronics ELE Datasheet HTML 3Page - Copal Electronics ELE Datasheet HTML 4Page - Copal Electronics ELE Datasheet HTML 5Page - Copal Electronics ELE Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EL
・ELE
Miniature Rocker Switches
■ Introduction
All of the EL Miniature Rocker Switch models that conform
to the Electrical Appliances and Material Safety Act have
acquired the type approval. The housing is made of self-
extinguishing phenol resin (UL94V-0), which has excellent
heat resistance, arc resistance, and tracking resistance
performance. In addition, the switches are designed to
prevent insulation deterioration caused by arcing thanks to
the contact structure where chattering and bouncing time is
reduced as much as possible. Furthermore, the ELE type,
which features the dustproof structure, is best suited for use
in a dusty environment.
RoHS Compliant
■Part Numbering
■Terminal Styles
Terminal style
TAB
#250
(No.:−)
Solder Terminal
(No.:12)
Dimensions
Note: For some products, the part numbers according to the
above-stated combinations are not registered yet. Check
the Table of Part Numbers on page 336 for availability.
Series code
Current
Switching function
e
Terminal styl
Actuator shape No. of poles
Structure
AC125V
10
15
20
25
10A
15A
20A
25A
Non-dust-proof
Dust proof type
Fig.
Fig.
E LE 1 25 A 12
− Z
Code
Code
L
LE
1
−pole 2−pole
ONー
OFF
ONー
ON
ON ーOFFー ON
ON
ー (ON)
(ON)
ーOFFー(ON)
ON ーOFF ー(ON)
A
D
E
F
G
H
K
N
P
R
S
T
Switching function
12
None
Solder Terminal
Terminal style
TAB#250
(t=0.8)
S
Silver plated
(ON)
:Momentary.
Dust Proof


Similar Part No. - ELE

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ELE120AY-3-Z COPAL-ELE120AY-3-Z Datasheet
224Kb / 2P
High Inrush Lever Switches
logo
Brady Worldwide, Inc.
ELEC. CIRCUIT BREAKER L BRADY-ELEC. CIRCUIT BREAKER L Datasheet
332Kb / 4P
Miniature Circuit Breaker Lockout - Pin Out Standard
10/03/2017
logo
Sensata Technologies, I...
ELECTRIC-MOTOR SENSATA-ELECTRIC-MOTOR Datasheet
236Kb / 1P
INDUCTIVE ELECTRIC MOTOR ROTOR POSITION SENSOR
Rev:06/14/21
logo
Coherent Corp
ELECTRO-OPTIC-SWITCH COHERENT-ELECTRO-OPTIC-SWITCH Datasheet
259Kb / 2P
Fast Rise Time Electro-Optic Switch for CO₂ Lasers
logo
TE Connectivity Ltd
ELECTRONIC TEC-ELECTRONIC Datasheet
514Kb / 5P
SMD Current Sense Metal Chip Resistor
01/2015
More results

Similar Description - ELE

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
Miniature Rocker & Paddle Switches
RK15 GREATECS-RK15 Datasheet
349Kb / 2P
Sub-Miniature Rocker Switches
logo
List of Unclassifed Man...
H8550VBXXXB ETC2-H8550VBXXXB Datasheet
190Kb / 2P
8500 Rocker Switches - Miniature
logo
Grayhill, Inc
47CMSP1R2M6RT GRAYHILL-47CMSP1R2M6RT Datasheet
142Kb / 3P
Sub-Miniature Rocker Switches
logo
List of Unclassifed Man...
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
H8500PO ETC2-H8500PO Datasheet
858Kb / 2P
8500 Rocker Switches - Miniature
logo
Copal Electronics
HLA COPAL-HLA Datasheet
557Kb / 6P
Miniature Rocker Switches
SLE10K COPAL-SLE10K Datasheet
217Kb / 2P
Miniature Power Rocker Switches
SLE6 COPAL-SLE6 Datasheet
297Kb / 4P
Miniature Power Rocker Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com