Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ELE Datasheet(PDF) 2 Page - Copal Electronics

Part # ELE
Description  Miniature Rocker Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ELE Datasheet(HTML) 2 Page - Copal Electronics

  ELE Datasheet HTML 1Page - Copal Electronics ELE Datasheet HTML 2Page - Copal Electronics ELE Datasheet HTML 3Page - Copal Electronics ELE Datasheet HTML 4Page - Copal Electronics ELE Datasheet HTML 5Page - Copal Electronics ELE Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2-M3×0.5
(ON)
:Momentary.
EL
EL110
・115
1 pole
EL120
・125
1 pole
Switching
function
Part No.
Viewed from part No. marking side
★EL115A−Z
★EL115A12−Z
ON
OFF
Connecting
terminals
1
−32−1
★EL115D−Z
★EL115D12−Z
ON
ON
★EL115E−Z
★EL115E12−Z
ON
OFF
ON
★EL110G−Z
(ON)
OFF
(ON)
Connecting
terminals
2
−3
2
−1
Switching
function
Part No.
Viewed from part No. marking side
★EL125A−Z
★EL125A12−Z
ON
OFF
Connecting
terminals
1
−3
−−
★EL125D−Z
★EL125D12−Z
ON
ON
★EL125E−Z
ON
OFF
ON
EL120G−Z
(ON)
OFF
(ON)
Connecting
terminals
2
−3
2
−1
Terminal numbers are shown on the
bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
■Dimension L
Terminal
style
Part No.
TAB
Solder Terminal
 EL115A・D・E−Z
31.4
±1
28.3
±1
 EL110G−Z
■Dimension L
Terminal
style
Part No.
TAB
Solder Terminal
 EL125A・D・E−Z
31.4
±1
28.3
±1
 EL120G−Z
28.7
±1
:WLJPÄJH[PVUZ
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
EL115A
・D
AC125V 15A
AC250V 15A
20m
Ω Max.
(DC2∼4V 0.1A)
AC1500V
minute
100M
Ω Min.
(DC500V)
20,000
cycles
EL115E
AC125V 15A
AC250V 7A
EL110G
AC125V 10A
AC250V 6A
:WLJPÄJH[PVUZ
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
EL125A
・D
AC125V 25A
AC250V 25A
20m
Ω Max.
(DC2∼4V 0.1A)
AC1500V
minute
100M
Ω Min.
(DC500V)
20,000
cycles
EL125E
AC125V 25A
AC250V 12A
EL120G
AC125V 20A
AC250V 12A
The switching function Type A is without terminal number
(2)
.
★:Made to order products.
:Inquiry products.
The switching function Type A is without terminal number
(2)
.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com