Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ELE Datasheet(PDF) 4 Page - Copal Electronics

Part # ELE
Description  Miniature Rocker Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ELE Datasheet(HTML) 4 Page - Copal Electronics

  ELE Datasheet HTML 1Page - Copal Electronics ELE Datasheet HTML 2Page - Copal Electronics ELE Datasheet HTML 3Page - Copal Electronics ELE Datasheet HTML 4Page - Copal Electronics ELE Datasheet HTML 5Page - Copal Electronics ELE Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EL
EL225K
−14
DPST
EL225K
−15
Switching
function
Part No.
Viewed from part No. and rating marking side
★EL225K−14−Z
ON
−
OFF
Connecting
terminals
2
−3
5
−6
−−
★EL225K−15−Z
ON
−
OFF
Connecting
terminals
2
−3
5
−6
−−
Terminal numbers are shown on the bottom of the switch.
■:WLJPÄJH[PVUZ
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
EL225K
−14 AC125V 25A
AC250V 15A
20m
Ω Max.
(DC2∼4V 0.1A)
AC1500V
1
分間/minute
100M
Ω Min.
(DC500V)
20,000
cycles
EL225K
−15
Rating
:10A−125・250・277VAC
Rating
:10A−125・250VAC
UL File No.E43275
CSA File No.LR38341
VDE License No.95705
●The UL and the CSA marks are indicated
on the housing. The VDE mark is not
indicated. If the mark is required, contact
us. Additional marking cost is necessary.
■Panel Cut-Out Dimensions
Series
EL110
EL115
EL120
EL125
EL210
EL215
EL225
EL225K
−14
EL225K
−15
Dimensions
■Mounting Method
A寸法
EL210・215・225
EL225K-14
EL225K-15
7.5mm MIN.
8.2mm MIN.
The thickness of the mounting panel should be adjusted according
to customer s applications.
TAB#250
     Button color : Red
TAB#250
     Button color : Red



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com