Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ML7005 Datasheet(PDF) 5 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7005
Description  DTMF Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7005 Datasheet(HTML) 5 Page - LAPIS Semiconductor Co., Ltd.

  ML7005 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7005 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7005 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7005 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7005 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7005 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7005 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7005 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7005 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
FEDL7005-01
ML7005
5/25
Symbol
Pin
Type
Description
READB
14
IN
Input pin for processor interface.
When PTYPE is "1" (Intel processor mode) :
This pin is the read control input pin.
When this pin is set to "0", data in the specified register is output to the
bus lines (D3 to D0).
At that time, CSB must be "0".
See the figure 4 for processor interface timing.
When PTYPE is "0" (Motorola processor mode) :
This pin is the clock input pin (equivalent to SCLK of the MSM7524).
When in Write mode, data in D3 to D0 is written to the specified register
at the falling edge of the READB signal.
When in Read mode, data in the specified register is output to D3 to D0
when the READB signal is "1", and D3 to D0 is opened when the
READB signal is "0".
The READB signal is not necessarily a periodical signal.
See the figure 5 for processor interface timing.
CSB
15
IN
Chip select input pin for processor interface.
When the CSB signal is "0", read and write operations are possible.
When the CSB signal is "1", read and write operations are impossible.
ALE
16
IN
Input pin for processor interface.
When PTYPE is "1" (Intel processor mode) :
This pin is the address latch enable input pin.
The register address data in D1 to D0 is latched at the falling edge of
ALE.
When PTYPE is "0" (Motorola processor mode) :
This pin is the address data input pin (equivalent to AD0 of the
MSM7524).
When this pin is "1", data can be written to the control register (CR) and
data can be read from the status register (STR).
When this pin is "0", data can be written to the DTMF transmit register
(DTMFT) and data can be read from the DTMF receive register
(DTMFR).
WRB
17
IN
Input pin for processor interface.
When PTYPE is "1" (Intel processor mode) :
This pin is the Write control input.
Data in the data bus lines (D3 to D0) is written to the specified register.
At that time, CSB must be "0".
When PTYPE is "0" (Motorola processor mode) :
This is the signal input pin for controlling the Read and Write modes
(equivalent to R/W of the MSM7524).
When this pin is "1", the LSI enters the Read mode.
When this pin is "0", the LSI enters the Write mode.
D3 to D0
18 to 21
I/O
4-bit data bus I/O pins for processor interface.
When PTYPE is "1" (Intel processor mode), D1 and D0 are also used for
addressing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com