Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FAB0302002 Datasheet(PDF) 2 Page - Power System Technology

Part # FAB0302002
Description  Satellite communication amplifi er
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

FAB0302002 Datasheet(HTML) 2 Page - Power System Technology

  FAB0302002 Datasheet HTML 1Page - Power System Technology FAB0302002 Datasheet HTML 2Page - Power System Technology FAB0302002 Datasheet HTML 3Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SIGNALS
Power Good output :
V1 to V5 + fan control signal
open collector output
Inhibit input
Safety :
built to meet EN60950
EMI :
built to meet EN55022B, conducted.
ENVIRONMENTAL
Storage temperature :
-40°C to +70°C
Operating temperature :
-10°C to +55°C ambiant, forced air, Nominal Power
ISOLATION
Input to chassis :
1500 Vrms or 2120 Vdc
Input to Output :
3000 Vrms or 4242 Vdc
Output to Chassis :
>10 Mohms at 500 Vdc
GENERAL
EMI
FAB0302002
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com