Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FAB0302002 Datasheet(PDF) 1 Page - Power System Technology

Part # FAB0302002
Description  Satellite communication amplifi er
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

FAB0302002 Datasheet(HTML) 1 Page - Power System Technology

  FAB0302002 Datasheet HTML 1Page - Power System Technology FAB0302002 Datasheet HTML 2Page - Power System Technology FAB0302002 Datasheet HTML 3Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
380 x 158 x 47 mm
INPUT : 90-264Vac
OUTPUT : 145W
5 outputs + 2 12V fan
Very low output noise
Overvoltage protection
Power Good system
Over temperature protected
Efficiency : 60 % typ.
APPLICATIONS
Satellite communication amplifier
INPUT
Voltage range :
90-264Vac 47-63Hz
Nominal :
115 / 230Vac
Input protection :
fuse 4A
transient and surges protected
OUTPUT
Voltage :
V1
+ 5V / 10A
V2
- 5V / 0,5A
V3
+ 8V / 4A
V4
+24V / 0,5A
V5
+12V / 4A
Typ.
Line regulation
Load regulation
Ripple and noise
Current limit
0,02 %
0,5 %
< 2mVpp
V1, V3,V5 : 105 to
140 % of Iout max.
V2 : 1A
V4 : 2,4A
Low line to high line ; full load
No load to full load
Peak to peak, nom. Input ; full load
Vout = 95% of nominal ;
Automatic restart
0,2 %
1 %
< 2,5mVpp
Short circuit current
V1, V3,V5 : 115 %
of Iout max.
V2 : 1A
V4 : 2,4A
Vout < 250mV ; Automatic restart
V1, V3,V5 : 140 %
of Iout max.
V2 : 1,2A
V4 : 2,6A
OUTPUT
Conditions
Max.
FAB0302002
1/3


Similar Part No. - FAB0302002

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB0301007 PST-FAB0301007 Datasheet
209Kb / 3P
Naval cabinet
FAB0307015 PST-FAB0307015 Datasheet
211Kb / 3P
This range of power supplies is specially designed for DIN Rail mounting applications
FAB0307020 PST-FAB0307020 Datasheet
220Kb / 3P
Industrial power supply
FAB0307021 PST-FAB0307021 Datasheet
236Kb / 3P
DC/DC liquid cooled converter for automotive application with output current control
More results

Similar Description - FAB0302002

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA3500A ZCOMM-PSA3500A Datasheet
76Kb / 2P
Satellite Communication
PSA3600C-LF ZCOMM-PSA3600C-LF Datasheet
87Kb / 2P
Satellite Communication
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
Isolation Amplifi er
logo
API Technologies Corp
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
Microwave Amplifi er
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
Microwave Amplifi er
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
Microwave Amplifi er
BXHF1056 APITECH-BXHF1056 Datasheet
405Kb / 2P
Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
RF Amplifi er
logo
Bel Fuse Inc.
QRS11 BEL-QRS11 Datasheet
45Kb / 2P
Satellite Communication
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com