Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FAB0302002 Datasheet(PDF) 3 Page - Power System Technology

Part # FAB0302002
Description  Satellite communication amplifi er
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

FAB0302002 Datasheet(HTML) 3 Page - Power System Technology

  FAB0302002 Datasheet HTML 1Page - Power System Technology FAB0302002 Datasheet HTML 2Page - Power System Technology FAB0302002 Datasheet HTML 3Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MECHANICALS
PIN
DESCRIPTION
OUTPUT : J03 - male header AMP MTA.156’’ 5pts
1
Alarm +
2
Alarm -
3
NC
PIN
DESCRIPTION
INPUT : J01 - male header AMP MTA.156’’ 6pts
1
GROUND
2
NC
3
AC/N
PIN
DESCRIPTION
OUTPUT : J04 - male header AMP MTA.156’’ 8pts
1
+24V
2
0V
3
-5V
PIN
DESCRIPTION
OUTPUT : J02 - male header AMP MTA.156’’ 10pts
1 to 3
+5V
4 to 8
0V
9 to 10
+12V
4
AC/L
5
INHIBIT
6
INHIBIT
4
+ FAN 2
5
- FAN 2
4 to 6
0V
7 to 8
+8V
FAB0302002
3/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com