Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC87373 Datasheet(PDF) 123 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 123 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 119Page - National Semiconductor (TI) PC87373 Datasheet HTML 120Page - National Semiconductor (TI) PC87373 Datasheet HTML 121Page - National Semiconductor (TI) PC87373 Datasheet HTML 122Page - National Semiconductor (TI) PC87373 Datasheet HTML 123Page - National Semiconductor (TI) PC87373 Datasheet HTML 124Page - National Semiconductor (TI) PC87373 Datasheet HTML 125Page - National Semiconductor (TI) PC87373 Datasheet HTML 126Page - National Semiconductor (TI) PC87373 Datasheet HTML 127Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 174 page
background image
9.0 Glue Functions (Continued)
123
www.national.com
Revision 1.1
9.2.8
CNR Downstream Codec Dynamic Control
This function generates the CDC_DWN_RST signal, which enables the audio CNR board.
An active low codec reset signal (CDC_DWN_RST) is generated either when an active (low) AUD_LINK_RST is received
or when CNR Downstream Codec is disabled (CDC_DWN_ENAB = high).
The level of the CDC_DWN_ENAB system configuration signal is controlled as follows:
q
Externally, by connecting a pull-down resistor between the CDC_DWN_ENAB pin and GND (in this case, the output
buffer of GPIO14 must be disabled; see Section 3.14.4 on page 64)
q
Internally, by enabling the output buffer of GPIO14 and by writing the required level for CDC_DWN_ENAB to bit 4 of
GPDO1 (or GPDIO1) register; see Section 5.4.3 on page 78 (in this case, it is not necessary to remove the pull-down
resistor if it is connected between the CDC_DWN_ENAB pin and GND).
Figure 30 shows a simplified diagram of the circuit that generates the CDC_DWN_RST signal.
Figure 30. CDC_DWN_RST Generation (Simplified Diagram)
For the AC characteristics, see CNR Downstream Codec Dynamic Control on page 172.
9.2.9
Hard-Disk LED Indicator Control
This function generates the HD_LED signal, which controls the Hard Drive, red LED indicator.
The Hard Drive LED is turned on by an active low HD_LED signal, generated when at least one of the PRIMARY_HD or
SECONDARY_HD or SCSI pins is active (low).
Figure 31 shows a simplified diagram of the circuit that generates the HD_LED signal.
Figure 31. HD_LED Generation (Simplified Diagram)
9.2.10 SMBus Voltage Translation
This function performs “passive” level translation between the VDD3-powered 3V_DDCSCL and 3V_DDCSDA signals and
the VDD5-powered 5V_DDCSCL and 5V_DDCSDA signals, respectively, for interfacing the Data Display Channel.
The signals connected to the 3V_DDCSCL, 3V_DDCSDA, 5V_DDCSCL and 5V_DDCSDA pins are compatible with Intel's
SMBus (Specification Rev 1.1, Dec. 11, 1998) two-wire synchronous serial interface specifications.
10 K
Ω
Buffer
CDC_DWN_RST
Pin
CDC_DWN_ENAB
AUD_LINK_RST
GPIO14
Input
Pin
Pin
Buffer
Output
220
Ω
HD_LED
VDD3
Pin
SCSI
PRIMARY_HD
LED
SECONDARY_HD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com