Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSM6DS33 Datasheet(PDF) 69 Page - STMicroelectronics

Part # LSM6DS33
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button LSM6DS33 Datasheet HTML 65Page - STMicroelectronics LSM6DS33 Datasheet HTML 66Page - STMicroelectronics LSM6DS33 Datasheet HTML 67Page - STMicroelectronics LSM6DS33 Datasheet HTML 68Page - STMicroelectronics LSM6DS33 Datasheet HTML 69Page - STMicroelectronics LSM6DS33 Datasheet HTML 70Page - STMicroelectronics LSM6DS33 Datasheet HTML 71Page - STMicroelectronics LSM6DS33 Datasheet HTML 72Page - STMicroelectronics LSM6DS33 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 77 page
background image
DocID027423 Rev 4
69/77
LSM6DS33
Embedded functions register mapping
77
10
Embedded functions register mapping
The table given below provides a list of the registers for the embedded functions avaialble in
the device and the corresponding addresses. Embedded functions registers are accessible
when FUNC_CFG_EN is set to ‘1’ in FUNC_CFG_ACCESS (01h).
Registers marked as Reserved must not be changed. Writing to those registers may cause
permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibration values. Their content is automatically restored when the device is
powered up.
Table 151. Registers address map - embedded functions
Name
Type
Register address
Default
Comment
Hex
Binary
RESERVED
-
02-0E
Reserved
PEDO_THS_REG
r/w
0F
00001111
00000000
RESERVED
-
10-12
Reserved
SM_THS
r/w
13
00010011
00000110
PEDO_DEB_REG
r/w
14
00010100
00000000
STEP_COUNT_DELTA
r/w
15
0001 0101
00000000
RESERVED
-
24-32
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com