Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSM6DS33 Datasheet(PDF) 45 Page - STMicroelectronics

Part # LSM6DS33
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button LSM6DS33 Datasheet HTML 41Page - STMicroelectronics LSM6DS33 Datasheet HTML 42Page - STMicroelectronics LSM6DS33 Datasheet HTML 43Page - STMicroelectronics LSM6DS33 Datasheet HTML 44Page - STMicroelectronics LSM6DS33 Datasheet HTML 45Page - STMicroelectronics LSM6DS33 Datasheet HTML 46Page - STMicroelectronics LSM6DS33 Datasheet HTML 47Page - STMicroelectronics LSM6DS33 Datasheet HTML 48Page - STMicroelectronics LSM6DS33 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 77 page
background image
DocID027423 Rev 4
45/77
LSM6DS33
Register description
77
Table 38. INT1_CTRL register description
9.9
INT2_CTRL (0Eh)
INT2 pad control register (r/w).
Each bit in this register enables a signal to be carried through INT2. The pad’s output will
supply the OR combination of the selected signals.
Table 39. INT2_CTRL register
Table 40. INT2_CTRL register description
INT1_ STEP_
DETECTOR
Pedometer step recognition interrupt enable on INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_SIGN_MOT
Significant motion interrupt enable on INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_FULL_FLAG
FIFO full flag interrupt enable on INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_FIFO_OVR
FIFO overrun interrupt on INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_FTH
FIFO threshold interrupt on INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_ BOOT
Boot status available on INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_DRDY_G
Gyroscope Data Ready on INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_DRDY_XL
Accelerometer Data Ready on INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT2_STEP
_DELTA
INT2_STEP_
COUNT_OV
INT2_
FULL_FLAG
INT2_
FIFO_OVR
INT2_
FTH
INT2_
DRDY
_TEMP
INT2_
DRDY_G
INT2_
DRDY_XL
INT2_STEP_DELTA
Pedometer step recognition interrupt on delta time(1) enable on INT2 pad.
Default value: 0
(0: disabled; 1: enabled)
1. Delta time value is defined in register STEP_COUNT_DELTA (15h).
INT2_STEP_COUNT
_OV
Step counter overflow interrupt enable on INT2 pad. Default value: 0
(0: disabled; 1: enabled)
INT2_ FULL_FLAG
FIFO full flag interrupt enable on INT2 pad. Default value: 0
(0: disabled; 1: enabled)
INT2_FIFO_OVR
FIFO overrun interrupt on INT2 pad. Default value: 0
(0: disabled; 1: enabled)
INT2_FTH
FIFO threshold interrupt on INT2 pad. Default value: 0
(0: disabled; 1: enabled)
INT2_DRDY_TEMP
Temperature Data Ready in INT2 pad. Default value: 0
(0: disabled; 1: enabled)
INT2_DRDY_G
Gyroscope Data Ready on INT2 pad. Default value: 0
(0: disabled; 1: enabled)
INT2_DRDY_XL
Accelerometer Data Ready on INT2 pad. Default value: 0
(0: disabled; 1: enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com