Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSM6DS33 Datasheet(PDF) 40 Page - STMicroelectronics

Part # LSM6DS33
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LSM6DS33 Datasheet HTML 36Page - STMicroelectronics LSM6DS33 Datasheet HTML 37Page - STMicroelectronics LSM6DS33 Datasheet HTML 38Page - STMicroelectronics LSM6DS33 Datasheet HTML 39Page - STMicroelectronics LSM6DS33 Datasheet HTML 40Page - STMicroelectronics LSM6DS33 Datasheet HTML 41Page - STMicroelectronics LSM6DS33 Datasheet HTML 42Page - STMicroelectronics LSM6DS33 Datasheet HTML 43Page - STMicroelectronics LSM6DS33 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 77 page
background image
Register description
LSM6DS33
40/77
DocID027423 Rev 4
9
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
linear acceleration, angular rate and temperature data. The register addresses, made up of
7 bits, are used to identify them and to write the data through the serial interface.
9.1
FUNC_CFG_ACCESS (01h)
Enable embedded functions register (r/w).
Table 18. FUNC_CFG_ACCESS register description
9.2
FIFO_CTRL1 (06h)
FIFO control register (r/w).
Table 20. FIFO_CTRL1 register description
9.3
FIFO_CTRL2 (07h)
FIFO control register (r/w).
Table 17. FUNC_CFG_ACCESS register
FUNC_CFG_EN
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
FUNC_CFG_EN
Enable access to the embedded functions configuration registers (1) from address
02h to 32h. Default value: 0.
(0: disable access to embedded functions configuration registers;
1: enable access to embedded functions configuration registers)
1. The embedded functions configuration registers details are available in 10: Embedded functions register
mapping and 11: Embedded functions registers description.
Table 19. FIFO_CTRL1 register
FTH_7
FTH_6
FTH_5
FTH_4
FTH_3
FTH_2
FTH_1
FTH_0
FTH_[7:0]
FIFO threshold level setting(1). Default value: 0000 0000.
Watermark flag rises when the number of bytes written to FIFO after the next write is
greater than or equal to the threshold level.
Minimum resolution for the FIFO is 1 LSB = 2 bytes (1 word) in FIFO
1. For a complete watermark threshold configuration, consider FTH_[11:8] in FIFO_CTRL2 (07h).
Table 21. FIFO_CTRL2 register
TIMER_PEDO
_FIFO_EN
TIMER_PEDO
_FIFO_DRDY
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
FTH_11
FTH10
FTH_9
FTH_8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com