Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 62 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 58Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 59Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 60Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 61Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 62Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 63Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 64Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 65Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 162 page
background image
Peripherals
62
April 2001 − Revised December 2004
SPRS174L
4.2.1
General-Purpose (GP) Timers
There are two GP timers. The GP timer x (x = 1 or 2 for EVA; x = 3 or 4 for EVB) includes:
•
A 16-bit timer, up-/down-counter, TxCNT, for reads or writes
•
A 16-bit timer-compare register, TxCMPR (double-buffered with shadow register), for reads or writes
•
A 16-bit timer-period register, TxPR (double-buffered with shadow register), for reads or writes
•
A 16-bit timer-control register,TxCON, for reads or writes
•
Selectable internal or external input clocks
•
A programmable prescaler for internal or external clock inputs
•
Control and interrupt logic, for four maskable interrupts: underflow, overflow, timer compare, and period
interrupts
•
A selectable direction input pin (TDIRx) (to count up or down when directional up- / down-count mode is
selected)
The GP timers can be operated independently or synchronized with each other. The compare register
associated with each GP timer can be used for compare function and PWM-waveform generation. There are
three continuous modes of operations for each GP timer in up- or up / down-counting operations. Internal or
external input clocks with programmable prescaler are used for each GP timer. GP timers also provide the
time base for the other event-manager submodules: GP timer 1 for all the compares and PWM circuits, GP
timer 2/1 for the capture units and the quadrature-pulse counting operations. Double-buffering of the period
and compare registers allows programmable change of the timer (PWM) period and the compare/PWM pulse
width as needed.
4.2.2
Full-Compare Units
There are three full-compare units on each event manager. These compare units use GP timer1 as the time
base and generate six outputs for compare and PWM-waveform generation using programmable deadband
circuit. The state of each of the six outputs is configured independently. The compare registers of the compare
units are double-buffered, allowing programmable change of the compare/PWM pulse widths as needed.
4.2.3
Programmable Deadband Generator
Deadband generation can be enabled/disabled for each compare unit output individually. The
deadband-generator circuit produces two outputs (with or without deadband zone) for each compare unit
output signal. The output states of the deadband generator are configurable and changeable as needed by
way of the double-buffered ACTRx register.
4.2.4
PWM Waveform Generation
Up to eight PWM waveforms (outputs) can be generated simultaneously by each event manager: three
independent pairs (six outputs) by the three full-compare units with programmable deadbands, and two
independent PWMs by the GP-timer compares.
4.2.5
Double Update PWM Mode
The F281x and C281x Event Manager supports “Double Update PWM Mode.” This mode refers to a PWM
operation mode in which the position of the leading edge and the position of the trailing edge of a PWM pulse
are independently modifiable in each PWM period. To support this mode, the compare register that determines
the position of the edges of a PWM pulse must allow (buffered) compare value update once at the beginning
of a PWM period and another time in the middle of a PWM period. The compare registers in F281x and C281x
Event Managers are all buffered and support three compare value reload/update (value in buffer becoming
active) modes. These modes have earlier been documented as compare value reload conditions. The reload
condition that supports double update PWM mode is reloaded on Underflow (beginning of PWM period) OR
Period (middle of PWM period). Double update PWM mode can be achieved by using this condition for
compare value reload.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com