Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 21Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 22Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 23Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 24Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 25Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 26Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 27Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 28Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 162 page
background image
Introduction
25
April 2001 − Revised December 2004
SPRS174L
Table 2−2. Signal Descriptions† (Continued)
PIN NO.
‡
§
GPIO
PERIPHERAL SIGNAL
179-PIN
GHH
176-PIN
PGF
128-PIN
PBK
I/O/Z‡
PU/PD§
DESCRIPTION
GPIO OR PERIPHERAL SIGNALS
GPIOA OR EVA SIGNALS
GPIOA0
PWM1 (O)
M12
92
68
I/O/Z
PU
GPIO or PWM Output Pin #1
GPIOA1
PWM2 (O)
M14
93
69
I/O/Z
PU
GPIO or PWM Output Pin #2
GPIOA2
PWM3 (O)
L12
94
70
I/O/Z
PU
GPIO or PWM Output Pin #3
GPIOA3
PWM4 (O)
L13
95
71
I/O/Z
PU
GPIO or PWM Output Pin #4
GPIOA4
PWM5 (O)
K11
98
72
I/O/Z
PU
GPIO or PWM Output Pin #5
GPIOA5
PWM6 (O)
K14
101
75
I/O/Z
PU
GPIO or PWM Output Pin #6
GPIOA6
T1PWM_T1CMP (I)
J11
102
76
I/O/Z
PU
GPIO or Timer 1 Output
GPIOA7
T2PWM_T2CMP (I)
J13
104
77
I/O/Z
PU
GPIO or Timer 2 Output
GPIOA8
CAP1_QEP1 (I)
H10
106
78
I/O/Z
PU
GPIO or Capture Input #1
GPIOA9
CAP2_QEP2 (I)
H11
107
79
I/O/Z
PU
GPIO or Capture Input #2
GPIOA10
CAP3_QEPI1 (I)
H12
109
80
I/O/Z
PU
GPIO or Capture Input #3
GPIOA11
TDIRA (I)
F14
116
85
I/O/Z
PU
GPIO or Timer Direction
GPIOA12
TCLKINA (I)
F13
117
86
I/O/Z
PU
GPIO or Timer Clock Input
GPIOA13
C1TRIP (I)
E13
122
89
I/O/Z
PU
GPIO or Compare 1 Output Trip
GPIOA14
C2TRIP (I)
E11
123
90
I/O/Z
PU
GPIO or Compare 2 Output Trip
GPIOA15
C3TRIP (I)
F10
124
91
I/O/Z
PU
GPIO or Compare 3 Output Trip
GPIOB OR EVB SIGNALS
GPIOB0
PWM7 (O)
N2
45
33
I/O/Z
PU
GPIO or PWM Output Pin #7
GPIOB1
PWM8 (O)
P2
46
34
I/O/Z
PU
GPIO or PWM Output Pin #8
GPIOB2
PWM9 (O)
N3
47
35
I/O/Z
PU
GPIO or PWM Output Pin #9
GPIOB3
PWM10 (O)
P3
48
36
I/O/Z
PU
GPIO or PWM Output Pin #10
GPIOB4
PWM11 (O)
L4
49
37
I/O/Z
PU
GPIO or PWM Output Pin #11
GPIOB5
PWM12 (O)
M4
50
38
I/O/Z
PU
GPIO or PWM Output Pin #12
GPIOB6
T3PWM_T3CMP (I)
K5
53
40
I/O/Z
PU
GPIO or Timer 3 Output
GPIOB7
T4PWM_T4CMP (I)
N5
55
41
I/O/Z
PU
GPIO or Timer 4 Output
GPIOB8
CAP4_QEP3 (I)
M5
57
43
I/O/Z
PU
GPIO or Capture Input #4
GPIOB9
CAP5_QEP4 (I)
M6
59
44
I/O/Z
PU
GPIO or Capture Input #5
GPIOB10
CAP6_QEPI2 (I)
P6
60
45
I/O/Z
PU
GPIO or Capture Input #6
GPIOB11
TDIRB (I)
L8
71
54
I/O/Z
PU
GPIO or Timer Direction
GPIOB12
TCLKINB (I)
K8
72
55
I/O/Z
PU
GPIO or Timer Clock Input
GPIOB13
C4TRIP (I)
N6
61
46
I/O/Z
PU
GPIO or Compare 4 Output Trip
GPIOB14
C5TRIP (I)
L6
62
47
I/O/Z
PU
GPIO or Compare 5 Output Trip
GPIOB15
C6TRIP (I)
K7
63
48
I/O/Z
PU
GPIO or Compare 6 Output Trip
† Typical drive strength of the output buffer for all pins [except TDO, XCLKOUT, XF, XINTF, EMU0, and EMU1 pins] is 4 mA typical.
‡ I = Input, O = Output, Z = High impedance
§ PU = pin has internal pullup; PD = pin has internal pulldown. Pullup/pulldown strength is given in Section 6.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com