Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 93 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 89Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 90Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 91Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 92Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 93Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 94Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 95Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 96Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 162 page
background image
Electrical Specifications
93
April 2001 − Revised December 2004
SPRS174L
NOTE:
HALT and STANDBY modes cannot be used when the PLL is disabled.
6.5
Current Consumption by Power-Supply Pins Over Recommended Operating Conditions
During Low-Power Modes at 150-MHz SYSCLKOUT (TMS320C281x)
MODE
TEST CONDITIONS
IDD
IDDIO
IDDA†
MODE
TEST CONDITIONS
TYP
MAX‡
TYP
MAX‡
TYP
MAX‡
Operational
All peripheral clocks are enabled. All PWM pins are toggled
at 100 kHz.
Data is continuously transmitted out of the SCIA, SCIB, and
CAN ports. The hardware multiplier is exercised.
Code is running out of ROM with 5 wait-states.
210 mA
260 mA
20 mA
30mA
40 mA
50 mA
IDLE
− XCLKOUT is turned off
− All peripheral clocks are on, except ADC
140 mA
155 mA
20 mA
30 mA
5
µA
10
µA
STANDBY
− Peripheral clocks are turned off
− Pins without an internal PU/PD are tied high/low
5 mA
10mA
1 mA
3 mA
5
µA
10
µA
HALT
− Peripheral clocks are turned off
− Pins without an internal PU/PD are tied high/low
− Input clock is disabled
70
µA
5
µA
10
µA
1
µA
† IDDA includes current into VDDA1, VDDA2, VDD1, AVDDREFBG, and VDDAIO pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com