Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 101 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 97Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 98Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 99Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 100Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 101Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 102Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 103Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 104Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 162 page
background image
Electrical Specifications
101
April 2001 − Revised December 2004
SPRS174L
Table 6−5. XCLKIN Timing Requirements − PLL Bypassed or Enabled
NO.
MIN
MAX
UNIT
C8
tc(CI)
Cycle time, XCLKIN
6.67
250
ns
C9
tf(CI)
Fall time, XCLKIN
Up to 30 MHz
6
ns
C9
tf(CI)
Fall time, XCLKIN
30 MHz to 150 MHz
2
ns
C10
tr(CI)
Rise time, XCLKIN
Up to 30 MHz
6
ns
C10
tr(CI)
Rise time, XCLKIN
30 MHz to 150 MHz
2
ns
C11
tw(CIL)
Pulse duration, X1/XCLKIN low as a percentage of tc(CI)
40
60
%
C12
tw(CIH)
Pulse duration, X1/XCLKIN high as a percentage of tc(CI)
40
60
%
Table 6−6. XCLKIN Timing Requirements − PLL Disabled
NO.
MIN
MAX
UNIT
C8
tc(CI)
Cycle time, XCLKIN
6.67
250
ns
C9
tf(CI)
Fall time, XCLKIN
Up to 30 MHz
6
ns
C9
tf(CI)
Fall time, XCLKIN
30 MHz to 150 MHz
2
ns
C10
tr(CI)
Rise time, XCLKIN
Up to 30 MHz
6
ns
C10
tr(CI)
Rise time, XCLKIN
30 MHz to 150 MHz
2
ns
C11
tw(CIL)
Pulse duration, X1/XCLKIN low as a percentage of tc(CI)
XCLKIN
≤ 120 MHz
40
60
%
C11
tw(CIL)
Pulse duration, X1/XCLKIN low as a percentage of tc(CI)
120
< XCLKIN ≤ 150 MHz
45
55
%
C12
tw(CIH) Pulse duration, X1/XCLKIN high as a percentage of tc(CI)
XCLKIN
≤ 120 MHz
40
60
%
C12
tw(CIH) Pulse duration, X1/XCLKIN high as a percentage of tc(CI)
120
< XCLKIN ≤ 150 MHz
45
55
%
Table 6−7. Possible PLL Configuration Modes
PLL MODE
REMARKS
SYSCLKOUT
PLL Disabled
Invoked by tying XPLLDIS pin low upon reset. PLL block is completely
disabled. Clock input to the CPU (CLKIN) is directly derived from the clock
signal present at the X1/XCLKIN pin.
XCLKIN
PLL Bypassed
Default PLL configuration upon power-up, if PLL is not disabled. The PLL
itself is bypassed. However, the /2 module in the PLL block divides the clock
input at the X1/XCLKIN pin by two before feeding it to the CPU.
XCLKIN/2
PLL Enabled
Achieved by writing a non-zero value “n” into PLLCR register. The /2 module
in the PLL block now divides the output of the PLL by two before feeding it to
the CPU.
(XCLKIN * n) / 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com