Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM2991 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2991
Description  Negative Low Dropout Adjustable Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2991 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2991 Datasheet HTML 1Page - National Semiconductor (TI) LM2991 Datasheet HTML 2Page - National Semiconductor (TI) LM2991 Datasheet HTML 3Page - National Semiconductor (TI) LM2991 Datasheet HTML 4Page - National Semiconductor (TI) LM2991 Datasheet HTML 5Page - National Semiconductor (TI) LM2991 Datasheet HTML 6Page - National Semiconductor (TI) LM2991 Datasheet HTML 7Page - National Semiconductor (TI) LM2991 Datasheet HTML 8Page - National Semiconductor (TI) LM2991 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage
−26V to +0.3V
ESD Susceptibility (Note 2)
2 kV
Power Dissipation (Note 3)
Internally limited
Junction Temperature (T
Jmax)
125˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (Soldering, 10 sec.)
230˚C
Operating Ratings (Note 1)
Junction Temperature Range (T
J)
−40˚C to +125˚C
Maximum Input Voltage (Operational)
−26V
Electrical Characteristics
V
IN = −10V, VO = −3V, IO = 1A, CO = 47 µF, R1 = 2.7k, TJ = 25˚C, unless otherwise specified. Boldface limits apply over
the entire operating junction temperature range.
Parameter
Conditions
Typical
Min
Max
Units
(Note 4)
Reference Voltage
5 mA
≤ I
O ≤ 1A
−1.210
−1.234
−1.186
V
5mA
≤ I
O ≤ 1A,
−1.27
−1.15
V
V
O −1V ≥ VIN ≥ −26V
Output Voltage
−2
−3
V
Range
V
IN = −26V
−25
−24
V
Line Regulation
I
O = 5 mA, VO −1V ≥ VIN ≥ −26V
0.004
0.04
%/V
Load Regulation
50 mA
≤ I
O ≤ 1A
0.04
0.4
%
Dropout Voltage
I
O = 0.1A, ∆VO ≤ 100 mV
0.1
0.2
V
0.3
I
O = 1A, ∆VO ≤ 100 mV
0.6
0.8
V
1
Quiescent Current
I
O ≤ 1A
0.7
5
mA
Dropout Quiescent
V
IN = VO,IO ≤ 1A
16
50
mA
Current
Ripple Rejection
V
ripple = 1 Vrms, f ripple = 1 kHz,
60
50
dB
I
O = 5mA
Output Noise
10 Hz − 100 kHz, I
O = 5 mA
200
450
µV
ON /OFF Input
(V
OUT: ON)
1.2
0.8
V
Voltage
(V
OUT: OFF)
1.3
2.4
ON /OFF Input
V
ON/OFF = 0.8V (VOUT: ON)
0.1
10
µA
Current
V
ON/OFF = 2.4V (VOUT: OFF)
40
100
Output Leakage
V
IN = −26V, VON/OFF = 2.4V
60
250
µA
Current
V
OUT = 0V
Current Limit
V
OUT = 0V
2
1.5
A
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the deivce is in-
tended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 3: The maximum power dissipation is a function of TJmax, θJA and TA. The maximum allowable power dissipation at any ambient temperature is PD = (TJmax
−TA)/θJA. If this dissipation is exceeded, the die temperature will rise above 125˚C and the LM2991 will go into thermal shutdown. For the LM2991, the
junction-to-ambient thermal resistance is 53˚C/W for the TO-220, 73˚C/W for the TO-263, and junction-to-case thermal resistance is 3˚C. If the TO-263 package is
used, the thermal resistance can be reduced by increasing the PC board copper area thermally connected to the package. Using 0.5 square inches of copper area,
θJA is 50˚C/W; with 1 square inch of copper area, θJA is 37˚C/W; and with 1.6 or more square inches of copper area, θJA is 32˚C/W.
Note 4: Typicals are at TJ = 25˚C and represent the most likely parametric norm.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com