Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM2991 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2991
Description  Negative Low Dropout Adjustable Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2991 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2991 Datasheet HTML 1Page - National Semiconductor (TI) LM2991 Datasheet HTML 2Page - National Semiconductor (TI) LM2991 Datasheet HTML 3Page - National Semiconductor (TI) LM2991 Datasheet HTML 4Page - National Semiconductor (TI) LM2991 Datasheet HTML 5Page - National Semiconductor (TI) LM2991 Datasheet HTML 6Page - National Semiconductor (TI) LM2991 Datasheet HTML 7Page - National Semiconductor (TI) LM2991 Datasheet HTML 8Page - National Semiconductor (TI) LM2991 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Typical Performance Characteristics (Continued)
Application Hints
EXTERNAL CAPACITORS
The LM2991 regulator requires an output capacitor to main-
tain stability. The capacitor must be at least 10 µF aluminum
electrolytic or 1 µF solid tantalum. The output capacitor’s
ESR must be less than 10
Ω, or the zero added to the regu-
lator frequency response by the ESR could reduce the
phase margin, creating oscillations. The shaded area in the
Output Capacitor ESR graph indicates the recommended
ESR range. An input capacitor, of at least 1 µF solid tantalum
or 10 µF aluminum electrolytic, is also needed if the regulator
is situated more than 6 inches from the input power supply
filter.
MINIMUM LOAD
A minimum load current of 500 µA is required for proper op-
eration. The external resistor divider can provide the mini-
mum load, with the resistor from the adjust pin to ground set
to 2.4 k
Ω.
SETTING THE OUTPUT VOLTAGE
The output voltage of the LM2991 is set externally by a resis-
tor divider using the following equation:
V
OUT = VREF x(1+R2/R1)−(IADJ xR2)
where V
REF
= −1.21V. The output voltage can be pro-
grammed within the range of −3V to −24V, typically an even
Adjust Pin Current
DS011260-25
Low Voltage Behavior
DS011260-26
Maximum Power
Dissipation (TO-220)
DS011260-27
Maximum Power Dissipation
(TO-263) (See Note 3)
DS011260-28
Output Capacitor ESR Range
DS011260-5
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com