Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM2991 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2991
Description  Negative Low Dropout Adjustable Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2991 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2991 Datasheet HTML 1Page - National Semiconductor (TI) LM2991 Datasheet HTML 2Page - National Semiconductor (TI) LM2991 Datasheet HTML 3Page - National Semiconductor (TI) LM2991 Datasheet HTML 4Page - National Semiconductor (TI) LM2991 Datasheet HTML 5Page - National Semiconductor (TI) LM2991 Datasheet HTML 6Page - National Semiconductor (TI) LM2991 Datasheet HTML 7Page - National Semiconductor (TI) LM2991 Datasheet HTML 8Page - National Semiconductor (TI) LM2991 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM2991
Negative Low Dropout Adjustable Regulator
General Description
The LM2991 is a low dropout adjustable negative regulator
with a output voltage range between −3V to −24V. The
LM2991 provides up to 1A of load current and features a On
/Off pin for remote shutdown capability.
The LM2991 uses new circuit design techniques to provide a
low dropout voltage, low quiescent current and low tempera-
ture coefficient precision reference. The dropout voltage at
1A load current is typically 0.6V and a guaranteed
worst-case maximum of 1V over the entire operating tem-
perature range. The quiescent current is typically 1 mA with
a 1A load current and an input-output voltage differential
greater than 3V. A unique circuit design of the internal bias
supply limits the quiescent current to only 9 mA (typical)
when the regulator is in the dropout mode (V
OUT −VIN ≤ 3V).
The LM2991 is short-circuit proof, and thermal shutdown in-
cludes hysteresis to enhance the reliability of the device
when inadvertently overloaded for extended periods. The
LM2991 is available in 5-lead TO-220 and TO-263 packages
and is rated for operation over the automotive temperature
range of −40˚C to +125˚C. Mil-Aero versions are also avail-
able.
Features
n Output voltage adjustable from −3V to −24V, typically
−2V to −25V
n Output current in excess of 1A
n Dropout voltage typically 0.6V at 1A load
n Low quiescent current
n Internal short circuit current limit
n Internal thermal shutdown with hysteresis
n TTL, CMOS compatible ON/OFF switch
n Functional complement to the LM2941 series
Applications
n Post switcher regulator
n Local, on-card, regulation
n Battery operated equipment
Typical Application
DS011260-1
VOUT = VREF (1 + R2/R1)
*Required if the regulator is located further than 6 inches from the power supply filter capacitors. A 1 µF solid tantalum or a 10 µF aluminum electrolytic
capacitor is recommended.
**Required for stability. Must be at least a 10 µF aluminum electrolytic or a 1 µF solid tantalum to maintain stability. May be increased without bound to
maintain regulation during transients. Locate the capacitor as close as possible to the regulator. The equivalent series resistance (ESR) is critical, and
should be less than 10
Ω over the same operating temperature range as the regulator.
May 1999
© 1999 National Semiconductor Corporation
DS011260
www.national.com


Similar Part No. - LM2991

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2991 NSC-LM2991 Datasheet
349Kb / 12P
Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2991 TI-LM2991 Datasheet
1Mb / 19P
LM2991 Negative Low Dropout Adjustable Regulator
LM2991 TI-LM2991 Datasheet
1Mb / 19P
LM2991 Negative Low Dropout Adjustable Regulator
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
Negative Low Dropout Adjustable Regulator
LM2991GW-QML TI-LM2991GW-QML Datasheet
391Kb / 15P
LM2991QML Negative Low Dropout Adjustable Regulator
More results

Similar Description - LM2991

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL72991RH INTERSIL-ISL72991RH Datasheet
210Kb / 3P
Radiation Hardened Negative Low Dropout Adjustable Voltage Regulator
June 2004
logo
National Semiconductor ...
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
Negative Low Dropout Adjustable Regulator
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2991S TI-LM2991S Datasheet
1Mb / 19P
LM2991 Negative Low Dropout Adjustable Regulator
LM2991S TI-LM2991S Datasheet
1Mb / 19P
LM2991 Negative Low Dropout Adjustable Regulator
LM2991GW-QML TI-LM2991GW-QML Datasheet
391Kb / 15P
LM2991QML Negative Low Dropout Adjustable Regulator
LM2991 TI-LM2991_15 Datasheet
1Mb / 19P
LM2991 Negative Low Dropout Adjustable Regulator
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
Negative Low Dropout Adjustable Regulator
LM2991QML TI1-LM2991QML Datasheet
414Kb / 15P
Negative Low Dropout Adjustable Regulator
logo
Renesas Technology Corp
ISL72991RH RENESAS-ISL72991RH Datasheet
562Kb / 15P
Radiation Hardened Low Dropout Adjustable Negative Voltage Regulator
Jun 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com