Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LCBM67C-R2S2-2J8L-1 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LCBM67C-R2S2-2J8L-1
Description  Signal- und Symbolleuchten
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCBM67C-R2S2-2J8L-1 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LCBM67C-R2S2-2J8L-1 Datasheet HTML 2Page - OSRAM GmbH LCBM67C-R2S2-2J8L-1 Datasheet HTML 3Page - OSRAM GmbH LCBM67C-R2S2-2J8L-1 Datasheet HTML 4Page - OSRAM GmbH LCBM67C-R2S2-2J8L-1 Datasheet HTML 5Page - OSRAM GmbH LCBM67C-R2S2-2J8L-1 Datasheet HTML 6Page - OSRAM GmbH LCBM67C-R2S2-2J8L-1 Datasheet HTML 7Page - OSRAM GmbH LCBM67C-R2S2-2J8L-1 Datasheet HTML 8Page - OSRAM GmbH LCBM67C-R2S2-2J8L-1 Datasheet HTML 9Page - OSRAM GmbH LCBM67C-R2S2-2J8L-1 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
2014-10-30
6
Version 1.2
LCB M67C - CoD blue Cx=0.2 / Cy=0.3
Color Chromaticity Groups 3) page 22
Farbortgruppen 3) Seite 22
Chromaticity Coordinate Groups 3) page 22
Farbortgruppen 3) Seite 22
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
2J
0.1784
0.2122
2K
0.1696
0.2132
2L
0.1637
0.2139
0.1823
0.2280
0.1735
0.2290
0.1677
0.2296
0.1842
0.2116
0.1784
0.2122
0.1696
0.2132
0.1882
0.2273
0.1823
0.2280
0.1735
0.2290
3J
0.1823
0.2280
3K
0.1735
0.2290
3L
0.1677
0.2296
0.1862
0.2437
0.1775
0.2447
0.1716
0.2454
0.1882
0.2273
0.1823
0.2280
0.1735
0.2290
0.1921
0.2431
0.1862
0.2437
0.1775
0.2447
4J
0.1862
0.2437
4K
0.1775
0.2447
4L
0.1716
0.2454
0.1902
0.2595
0.1814
0.2605
0.1756
0.2611
0.1921
0.2431
0.1862
0.2437
0.1775
0.2447
0.1960
0.2588
0.1902
0.2595
0.1814
0.2605
OHA04401
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
510
500
490
450
Cx
Cy
Cx
E
480
460
470
Cy
4J
2L
4K
3J
2K
2J
4L
3L
3K
8J
7L
5K
6L
5L
6J
5J
7K
6K
7J
8L
0.21
0.22
0.23
0.24
0.25
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
8K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com