Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LCBM67C-R2S2-2J8L-1 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LCBM67C-R2S2-2J8L-1
Description  Signal- und Symbolleuchten
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCBM67C-R2S2-2J8L-1 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LCBM67C-R2S2-2J8L-1 Datasheet HTML 6Page - OSRAM GmbH LCBM67C-R2S2-2J8L-1 Datasheet HTML 7Page - OSRAM GmbH LCBM67C-R2S2-2J8L-1 Datasheet HTML 8Page - OSRAM GmbH LCBM67C-R2S2-2J8L-1 Datasheet HTML 9Page - OSRAM GmbH LCBM67C-R2S2-2J8L-1 Datasheet HTML 10Page - OSRAM GmbH LCBM67C-R2S2-2J8L-1 Datasheet HTML 11Page - OSRAM GmbH LCBM67C-R2S2-2J8L-1 Datasheet HTML 12Page - OSRAM GmbH LCBM67C-R2S2-2J8L-1 Datasheet HTML 13Page - OSRAM GmbH LCBM67C-R2S2-2J8L-1 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2014-10-30
10
Version 1.2
LCB M67C - CoD blue Cx=0.2 / Cy=0.3
Forward Current 7) page 22
Durchlassstrom 7) Seite 22
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 7) page 22 , 8) page 22
Relative Lichtstärke 7) Seite 22 , 8) Seite 22
IV/IV(10 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 7) page 22
Farbortverschiebung 7) Seite 22
ΔCx, ΔCy = f(IF); TS = 25 °C
2,6 2,8 3,0 3,2 3,4 3,6 3,8 4,0
VF [V]
1
5
10
50
ΙF [mA]
LCB M67C
2
3 4 5
10
20
30 40 50
10
0
IF [mA]
0,2
0,3
0,4
0,5
1
2
3
4
5
10
IV
IV(10mA)
LC B M67C
IF [mA]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆
C x
∆
C y
: ∆C x
: ∆C y
Measured for K Colorbins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com