Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LCBM67C-R2S2-2J8L-1 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LCBM67C-R2S2-2J8L-1
Description  Signal- und Symbolleuchten
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCBM67C-R2S2-2J8L-1 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LCBM67C-R2S2-2J8L-1 Datasheet HTML 3Page - OSRAM GmbH LCBM67C-R2S2-2J8L-1 Datasheet HTML 4Page - OSRAM GmbH LCBM67C-R2S2-2J8L-1 Datasheet HTML 5Page - OSRAM GmbH LCBM67C-R2S2-2J8L-1 Datasheet HTML 6Page - OSRAM GmbH LCBM67C-R2S2-2J8L-1 Datasheet HTML 7Page - OSRAM GmbH LCBM67C-R2S2-2J8L-1 Datasheet HTML 8Page - OSRAM GmbH LCBM67C-R2S2-2J8L-1 Datasheet HTML 9Page - OSRAM GmbH LCBM67C-R2S2-2J8L-1 Datasheet HTML 10Page - OSRAM GmbH LCBM67C-R2S2-2J8L-1 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Version 1.2
LCB M67C - CoD blue Cx=0.2 / Cy=0.3
2014-10-30
7
5J
0.1902
0.2595
5K
0.1814
0.2605
5L
0.1756
0.2611
0.1941
0.2753
0.1853
0.2762
0.1795
0.2769
0.1960
0.2588
0.1902
0.2595
0.1814
0.2605
0.2000
0.2746
0.1941
0.2753
0.1853
0.2762
6J
0.1941
0.2753
6K
0.1853
0.2762
6L
0.1795
0.2769
0.1980
0.2910
0.1893
0.2920
0.1834
0.2926
0.2000
0.2746
0.1941
0.2753
0.1853
0.2762
0.2039
0.2904
0.1980
0.2910
0.1893
0.2920
7J
0.1980
0.2910
7K
0.1893
0.2920
7L
0.1834
0.2926
0.2020
0.3068
0.1932
0.3078
0.1874
0.3084
0.2039
0.2904
0.1980
0.2910
0.1893
0.2920
0.2078
0.3061
0.2020
0.3068
0.1932
0.3078
8J
0.2020
0.3068
8K
0.1932
0.3078
8L
0.1874
0.3084
0.2059
0.3225
0.1971
0.3235
0.1913
0.3242
0.2078
0.3061
0.2020
0.3068
0.1932
0.3078
0.2118
0.3219
0.2059
0.3225
0.1971
0.3235
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com