Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3927 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3927
Description  Cellular/PCS System Power Management IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3927 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3927 Datasheet HTML 1Page - National Semiconductor (TI) LP3927 Datasheet HTML 2Page - National Semiconductor (TI) LP3927 Datasheet HTML 3Page - National Semiconductor (TI) LP3927 Datasheet HTML 4Page - National Semiconductor (TI) LP3927 Datasheet HTML 5Page - National Semiconductor (TI) LP3927 Datasheet HTML 6Page - National Semiconductor (TI) LP3927 Datasheet HTML 7Page - National Semiconductor (TI) LP3927 Datasheet HTML 8Page - National Semiconductor (TI) LP3927 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Pin Description
Pin
Name
Functional Description
1
VO1
150 mA, LDO1 output pin.
2
EN5
LDO5 enable input.
3
EN4
LDO4 enable input.
4
EN3
LDO3 enable input.
5
RST
Externally pulled high, open drain output to processor/memory reset.
6
IRQ
Externally pulled high, open drain output to processor interrupt indicating KYBD has gone
high.
7
PS_HOLD
Input from the processor to the LP3927. A HIGH indicates a steady supply of power is
granted. Refer to ’Application Hints’ section for more detail.
8
KYBD
An active high input signal indicating the keyboard “On/Off” button has been asserted. Refer
to ’Application Hints’ section for more detail.
9
D_GND
Digital ground, used primarily for the digital and DAC circuits.
10
VEXT
Active low input indicating a battery charger insertion Refer to ’Application Hints’ section for
more detail.
11
BYP
Reference bypass pin.
12
TEST_MODE
Pin used for production testing, factory use only. This pin should be grounded in applications.
13
LED_EN
LED driver enable input.
14
LED
LED driver, drain connection of the LED drive MOSFET.
15
LED_PGM
LED drive current programming pin.
16
OP_AMP_OUT
Operational amplifier output pin.
17
IN−
− input of the Op-Amp.
18
IN+
+ input of the Op-Amp.
19
OP_AMP_V
DD
Power supply pin for Op-Amp.
20
A_GND2
Ground for analog.
21
VO5
200 mA, LDO5 output pin.
22
V
DD3
Input power pin for LDO5. V
DD1,VDD2 and VDD3 must be tied together externally.
23
VO4
150 mA, LDO4 output pin.
24
V
DD2
Input power pin for LDO3 and LDO4. V
DD1,VDD2 and VDD3 must be tied together externally.
25
VO3
100 mA, LDO3 output pin.
26
A_GND1
Ground for analog.
27
VO2
200 mA, LDO2 output pin.
28
V
DD1
Input power pin for LDO1 and LDO2. V
DD1,VDD2 and VDD3 must be tied together externally.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com