Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3927 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3927
Description  Cellular/PCS System Power Management IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3927 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP3927 Datasheet HTML 3Page - National Semiconductor (TI) LP3927 Datasheet HTML 4Page - National Semiconductor (TI) LP3927 Datasheet HTML 5Page - National Semiconductor (TI) LP3927 Datasheet HTML 6Page - National Semiconductor (TI) LP3927 Datasheet HTML 7Page - National Semiconductor (TI) LP3927 Datasheet HTML 8Page - National Semiconductor (TI) LP3927 Datasheet HTML 9Page - National Semiconductor (TI) LP3927 Datasheet HTML 10Page - National Semiconductor (TI) LP3927 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Electrical Characteristics, Operational Amplifier (Continued)
Unless otherwise noted, V
OP_AMP_VDD = 3.3V, VCM =VOUT =VOP_AMP_VDD/2 and RLOAD > 1M
Ω. Typical values and limits
appearing in normal type apply for T
J = 25˚C. Limits appearing in boldface type apply over the entire junction temperature
range for operation, −40˚C to +85˚C. (Note 7)
Symbol
Parameter
Conditions
Typical
Limit
Units
Min
Max
V
OUT
Output Swing
R
LOAD =2 k
0.5
V
3.1
I
S
Supply Current
V
OP_AMP_VDD = 3.0V
0.5
1.4
mA
SR
Slew Rate
0.7
V/µs
GBW
Gain-Bandwidth Product
0.6
MHz
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: The Absolute Maximum power dissipation depends on the ambient temperature and can be calculated using the formula
P= (T
J −TA)/
θ
JA,
(1)
where TJ is the junction temperature, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance. The 2.6W rating appearing under
Absolute Maximum Ratings results from substituting the Absolute Maximum junction temperature, 150˚C, for TJ, 70˚C for TA, and 30.8˚C/W for θJA. More power can
be dissipated safely at ambient temperatures below 70˚C. Less power can be dissipated safely at ambient temperatures above 70˚C. The Absolute Maximum power
dissipation can be increased by 32.5 mW for each degree below 70˚C, and it must be derated by 32.5 mW for each degree above 70˚C.
Note 4: The human-body model is used. The human-body model is 100 pF discharged through 1.5 k
Ω.
Note 5: This figure is taken from a thermal modeling result. The test board is a 4 layer FR-4 board measuring 101mm x 101mm x 1.6mm with a3x3 array of thermal
vias. The ground plane on the board is 50mm x 50mm. Ambient temperature in simulation is 22˚C, still air. Power dissipation is 1W.
Note 6: Like the Absolute Maximum power dissipation, the maximum power dissipation for operation depends on the ambient temperature. The 1.78W rating
appearing under Operating Ratings results from substituting the maximum junction temperature for operation, 125˚C, for TJ, 70˚C for TA, and 30.8˚C/W for θJA into
(1) above. More power can be dissipated at ambient temperatures below 70˚C. Less power can be dissipated at ambient temperatures above 70˚C. The maximum
power dissipation for operation can be increased by 32.5 mW for each degree below 70˚C, and it must be derated by 32.5 mW for each degree above 70˚C.
Note 7: All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are 100%
production tested or guaranteed through statistical analysis. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality
Control (SQC) methods.
Note 8: The target output voltage, which is labeled VOUT(target), is the desired or ideal output voltage.
Note 9: Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value. This specification does not apply
in cases it implies operation with an input voltage below the 2.5V minimum appearing under Operating Ratings. For example, this specification does not apply for
devices having 1.5V outputs because the specification would imply operation with an input voltage at or about 1.5V.
Note 10: Pulsing the load of LDO X from 100µA to Imax and measuring its effects at the output of LDO Y. LDO Y enabled but under no load.
Note 11: The error flags are internal to the chip. There is no external access to the signals. LDO1 error flag and the LDO2 error flag will go HIGH when the respective
LDO reaches its VTh-H value. The error flags will go LOW when the respective LDO reaches its VTh-L value.
Note 12: The tDELAY-H is the delay between LDO1 reaching its VTh-H and its error flag going HIGH. The tDELAY-L is the delay between LDO1 reaching its VTh-L and
its error flag going LOW. Same delays apply to LDO2 and its error flag.
Note 13: Refer to Timing Diagram.
Note 14: The delay between LDO2 error flag HIGH and RST signal HIGH in the power up sequence. In the power down sequence, it is the delay between RST
signal LOW and LDO2 disabled.
Note 15: The delay between LDO1 error flag HIGH and LDO2 enable in power up sequence. In the power down sequence, it is the delay between LDO2 error flag
LOW and LDO1 disable. For the optional LDO delay, please contact the factory for availability.
Note 16: Time between RST high and PS_HOLD going high.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com