Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3927 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3927
Description  Cellular/PCS System Power Management IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3927 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3927 Datasheet HTML 1Page - National Semiconductor (TI) LP3927 Datasheet HTML 2Page - National Semiconductor (TI) LP3927 Datasheet HTML 3Page - National Semiconductor (TI) LP3927 Datasheet HTML 4Page - National Semiconductor (TI) LP3927 Datasheet HTML 5Page - National Semiconductor (TI) LP3927 Datasheet HTML 6Page - National Semiconductor (TI) LP3927 Datasheet HTML 7Page - National Semiconductor (TI) LP3927 Datasheet HTML 8Page - National Semiconductor (TI) LP3927 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
All pins except LED_PGM,
BYP, op amp’s inputs & output
−0.3V to 6.0V
OP_AMP_OUT, IN-, IN+
-0.3V to 5.5V
GND to GND SLUG
±0.3V
Junction Temperature
150˚C
Storage Information
−65˚C to 150˚C
Soldering Temperature
Pad Temperature
235˚C
Maximum Power Dissipation (Note 3)
2.6W
ESD (Note 4):
KYBD
4 kV
All other pins
2 kV
Operating Ratings (Notes 1, 2)
V
DD1,VDD2,VDD3, KYBD, OP_AMP_VDD
3.0V to 5.5V
EN3, EN4, EN5
−0.3V to (V
DD + 0.3V)
C
OUT:
Capacitance
1.0 µF to 20.0 µF
ESR
0.005
Ω to 0.5Ω
Junction Temperature
−40˚C to 125˚C
Operating Temperature
−40˚C to 85˚C
Thermal Resistance (Note 5)
θ
JA (LLP28)
30.8˚C/W
Maximum Power Dissipation (Note 6)
1.78W
Electrical Characteristics, LDO’s
Unless otherwise noted, V
DD =VOUT(target) + 0.7V, CIN (VDD1,VDD2,VDD3) = 4.7 µF, COUT (VO1 to VO5) = 2.2 µF, Cbyp =
0.1 µF. Typical values and limits appearing in normal type apply for T
J = 25˚C. Limits appearing in boldface type apply over
the entire junction temperature range for operation, −40˚C to +85˚C. (Notes 7, 8)
Symbol
Parameter
Conditions
Typical
Limit
Units
Min
Max
V
DD
Input Voltage Range
V
DD1,VDD2,VDD3,KYBD
3.7
3
5.5
V
∆V
OUT
Output Voltage Tolerance
I
OUT =IMAX/2,
V
DD = 3.7V
−2
+2
%
Load Regulation
I
OUT = 100 µA to IMAX,
V
DD = 3.7V
−2
+2
%
Line Regulation
V
DD =VOUT(target) +0.7V to 5.5V
I
OUT =IMAX/2
−40
+40
mV
Total Accuracy Error
−3.5
+3.5
%
V
IN -VOUT
Dropout Voltage
I
OUT =IMAX (Note 9)
100
170
200
mV
e
N
Output Noise Voltage
I
OUT = 100 µA,
10 Hz
≤ f ≤ 100 kHz
27
µV
rms
PSRR
Power Supply Ripple
Rejection Ratio
C
IN = 2.2µF, IOUT =IMAX,
f = 100 Hz
f=1 kHz
f=10 kHz
f = 100 kHz
45
45
30
10
dB
Cross Talk
(Note 10)
30
dB
I
Q
Quiescent Current
I
OUT = 0, PS_HOLD = KYBD = 0
VEXT = V
DD
5
8
µA
I
GND
Ground Current
I
OUT1 =IOUT2 = 1 mA,
LDO3, LDO4, LDO5 OFF
100
200
µA
I
OUT1,IOUT2,IOUT3,IOUT4,IOUT5 =IMAX
400
950
I
SC
Short Circuit Current Limit
V
OUT = 0V
400
%ofI
MAX
C
OUT
Output Capacitor
Capacitance
120
µF
ESR
5
500
m
R
SHUNT
V
O2 -VO5 Output Shunt
Resistor
70
200
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com