Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L2G2IS Datasheet(PDF) 11 Page - STMicroelectronics

Part # L2G2IS
Description  Embedded temperature sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G2IS Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L2G2IS Datasheet HTML 7Page - STMicroelectronics L2G2IS Datasheet HTML 8Page - STMicroelectronics L2G2IS Datasheet HTML 9Page - STMicroelectronics L2G2IS Datasheet HTML 10Page - STMicroelectronics L2G2IS Datasheet HTML 11Page - STMicroelectronics L2G2IS Datasheet HTML 12Page - STMicroelectronics L2G2IS Datasheet HTML 13Page - STMicroelectronics L2G2IS Datasheet HTML 14Page - STMicroelectronics L2G2IS Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
DocID027248 Rev 2
11/26
L2G2IS
Mechanical and electrical characteristics
26
3.3
Temperature sensor characteristics
@ AVdd = 2.4 V, T = 25 °C unless otherwise noted(c).
c. The product is factory calibrated at 2.4 V.
Table 5. Temperature sensor characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
TSDr
Temperature sensor
output change vs.
temperature
0.0625
°C/digit
TODR
Temperature refresh rate
70
Hz
TACC
Temperature absolute
accuracy(2)
±4
°C
Top
Operating temperature
range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. The output of the temperature sensor is 0 at 25 °C. Refer to Section 2.4: Temperature sensor on how to read the
temperature sensor output data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com