Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L2G2IS Datasheet(PDF) 23 Page - STMicroelectronics

Part # L2G2IS
Description  Embedded temperature sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G2IS Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L2G2IS Datasheet HTML 18Page - STMicroelectronics L2G2IS Datasheet HTML 19Page - STMicroelectronics L2G2IS Datasheet HTML 20Page - STMicroelectronics L2G2IS Datasheet HTML 21Page - STMicroelectronics L2G2IS Datasheet HTML 22Page - STMicroelectronics L2G2IS Datasheet HTML 23Page - STMicroelectronics L2G2IS Datasheet HTML 24Page - STMicroelectronics L2G2IS Datasheet HTML 25Page - STMicroelectronics L2G2IS Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
DocID027248 Rev 2
23/26
L2G2IS
Register description
26
7.11
OFF_Y(12h)
7.12
CTRL_REG4 (1Fh)
Table 29. OFF_Y register
OFFY7
OFFY6
OFFY5
OFFY4
OFFY3
OFFY2
OFFY1
OFFY0
Table 30. OFF_Y description
OFFY[7:0]
User offset correction register for Y-axis. Default value: 0000 0000
The value is expressed as two’s complement.
Table 31. CTRL_REG4 register
0(1)
1. These bits must be set to ‘0’ for proper operation of the device.
0(1)
0(1)
0(1)
FS
0(1)
0(1)
HPF_BW
Table 32. CTRL_REG4 description
FS
Full-scale selection. Default value: 0
(0: ±100 dps; 1: ±200 dps)
HPF_BW
Digital high-pass filter cutoff frequency selection. Default value: 0
Refer to Table 33: High-pass filter cutoff frequency selection
Table 33. High-pass filter cutoff frequency selection
HPF_BW0
HP cutoff frequency selection
0
0.02 Hz
1
0.09 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com