Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L2G2IS Datasheet(PDF) 21 Page - STMicroelectronics

Part # L2G2IS
Description  Embedded temperature sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G2IS Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L2G2IS Datasheet HTML 17Page - STMicroelectronics L2G2IS Datasheet HTML 18Page - STMicroelectronics L2G2IS Datasheet HTML 19Page - STMicroelectronics L2G2IS Datasheet HTML 20Page - STMicroelectronics L2G2IS Datasheet HTML 21Page - STMicroelectronics L2G2IS Datasheet HTML 22Page - STMicroelectronics L2G2IS Datasheet HTML 23Page - STMicroelectronics L2G2IS Datasheet HTML 24Page - STMicroelectronics L2G2IS Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DocID027248 Rev 2
21/26
L2G2IS
Register description
26
7.7
CTRL_REG2 (0Ch)
7.8
CTRL_REG3 (0Dh)
Table 19. Operating mode selection
PW1
PW0
Operating mode selection
0
0
Power-down
0
1
Power-down
1
0
Sleep mode
1
1
Normal mode
Table 20. CTRL_REG2 register
LPF_O
0(1)
1. These bits must be set to ‘0’ for proper operation of the device.
0(1)
0(1)
0(1)
HPreset
SWreset
HPF
Table 21. CTRL_REG2 description
LPF_O
Low-pass filter order selection. Default value: 0
(0: 2nd order; 1: 1st order).
Refer to Figure 9: LPF chain block diagram and Table 24: Low-pass filter cutoff fre-
quency selection
HPreset
High-pass filter reset. Default value: 0
(1: HPF reset on X and Y-axis)
SWreset
Software reset. Default value: 0
(1: all the configuration register values are restored to default values).
HPF
High-pass filter enable. Default value: 0
(0: high-pass filter is disabled; 1: high-pass filter is enabled)
Table 22. CTRL_REG3 register
0(1)
1. These bits must be set to ‘0’ for proper operation of the device.
ST
0(1)
PP_OD
0(1)
0(1)
DRDY _EN
LPF_D
Table 23. CTRL_REG3 description
ST
Self-test enable. Default value: 0
(0: Self-test disabled; 1: Self-test enabled)
PP_OD
DRDY pin configuration. Default value: 0
(0: push-pull; 1: open drain)
DRDY_EN
Data ready enable on DRDY pin. Default: 0
(1: DRDY on pin). Section 2.3: Data-ready interrupt and synchronous reading.
LPF_D
Digital low-pass filter enable. Default value: 0
(0: digital low-pass filter disabled; 1: digital low-pass filter enabled).
Refer to Figure 9: LPF chain block diagram and Table 24: Low-pass filter cutoff
frequency selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com