Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NRF0433 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # NRF0433
Description  Single chip 433MHz RF Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NRF0433 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NRF0433 Datasheet HTML 1Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 2Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 3Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 4Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 5Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 6Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 7Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 8Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PRODUCT SPECIFICATION
nRF0433 Single chip RF Transceiver
Nordic VLSI ASA - Vestre Rosten 81, N-7075 Tiller, Norway
-
Phone +4772898900
-
Fax +4772898989
Revision: 3.2
Page 4 of 14
February 2000
PIN ASSIGNMENT
VDD
FILT2
XC1
ANT1
VDD
DIN
VSS
ANT2
VSS
VSS
FILT1
XC2
TXEN
RF_PWR
DOUT
VDD
14
20
19
17
16
15
18
1
2
3
4
5
6
7
8
9
10
11
12
13
VCO1
VCO2
VSS
VDD
Figure 2. nRF0433 pin assignment.
PACKAGE OUTLINE
nRF0433, 20 pin SOIC. (Dimensions in mm.)
Package Type
D
E
H
A
A1
e
b
L
Copl.
α
α
20 pin SOIC
(300 mil)
Min
Max
12.60
13.00
7.40
7.60
10.00
10.65
2.35
2.65
0.10
0.30
1.27
0.33
0.51
0.40
1.27
0.10
0
°
8
°
Figure 3. SOIC-20 Package outline.
nRF0433
20 pin SOIC
α
A1 A
e
b
L
E
H
D
1 2 3
20 19 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com