Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NRF0433 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # NRF0433
Description  Single chip 433MHz RF Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NRF0433 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button NRF0433 Datasheet HTML 4Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 5Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 6Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 7Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 8Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 9Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 10Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 11Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PRODUCT SPECIFICATION
nRF0433 Single chip RF Transceiver
Nordic VLSI ASA - Vestre Rosten 81, N-7075 Tiller, Norway
-
Phone +4772898900
-
Fax +4772898989
Revision: 3.2
Page 8 of 14
February 2000
Output power and DC power supply current versus external bias resistor value is
shown in table 5 for a differential load of 400
Ω.
Bias resistor connected
between VDD and RF_PWR
[k
Ω]
RF output power
@ 400
Ω, differential
[dBm]
Power supply current,
IDD
[mA]
1000 / Open
10
46
150
4
37
100
-2
33
68
-12
31
Table 5. RF output power settings.
PLL loop filter
The PLL synthesizer loop filter is an external, single-ended second order lag/lead filter.
The recommended filter component values are: C1 = 270 pF, C2 =5.6 nF, R1 = 27 k
Ω.
VCO inductor
The on-chip voltage controlled oscillator (VCO) needs an external 22nH inductor
connected between the VCO1 and VCO2 pins to operate. This inductor should be a
high quality chip inductor, Q > 45 @ 433 MHz, with a maximum tolerance of ± 3%,
see table 6. See also page 9 for PCB layout guidelines.
Vendors
WWW address
Part. no., 22 nH inductors, 0805
Predan
http://www.predan.com
CS0805-220G
Pulse
http://www.pulseeng.com
PE-0805CD220GTT
PE-0805CM220GTT
Coilcraft
http://www.coilcraft.com
0805CS-220XGBC
0805HT-22NTGBC
muRata
http://www.murata.com
LQW1608A22NG00
Table 6. Vendors and part. no. for suitable 22nH inductors.
Transmit/receive mode selection
TXEN is a digital input for selection of transmit or receive mode.
TXEN = “1” selects transmit mode.
TXEN = “0” selects receive mode.
DIN (data input) and DOUT (data output)
The DIN pin is the input to the digital modulator of the transmitter. The input signal to
this pin should be standard CMOS logic level at data rates up to 9600 bit/s.
The demodulated digital output data appear at the DOUT pin at standard CMOS logic
levels. f0 +
∆f → “1”, f
0 -
∆f → “0”.
Frequency difference between transmitter and receiver
For optimum performance, the total frequency difference between transmitter and
receiver should not exceed 70 ppm (30 kHz). This yields a crystal stability requirement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com