Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NRF0433 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # NRF0433
Description  Single chip 433MHz RF Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NRF0433 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button NRF0433 Datasheet HTML 6Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 7Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 8Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 9Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 10Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 11Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 12Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 13Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
PRODUCT SPECIFICATION
nRF0433 Single chip RF Transceiver
Nordic VLSI ASA - Vestre Rosten 81, N-7075 Tiller, Norway
-
Phone +4772898900
-
Fax +4772898989
Revision: 3.2
Page 12 of 14
February 2000
DEFINITIONS
Data sheet status
Objective product
specification
This datasheet contains target specifications for product development.
Preliminary product
specification
This datasheet contains preliminary data; supplementary data may be
published from Nordic VLSI ASA later.
Product specification
This datasheet contains final product specifications. Nordic VLSI ASA
reserves the right to make changes at any time without notice in order to
improve design and supply the best possible product.
Limiting values
Stress above one or more of the limiting values may cause permanent damage to the device. These are stress
ratings only and operation of the device at these or at any other conditions above those given in the
Specifications sections of the specification is not implied. Exposure to limiting values for extended periods
may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.
Table 8. Definitions.
Nordic VLSI ASA reserves the right to make changes without further notice to the
product to improve reliability, function or design. Nordic VLSI does not assume any
liability arising out of the application or use of any product or circuits described herein.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems
where malfunction of these products can reasonably be expected to result in personal
injury. Nordic VLSI ASA customers using or selling these products for use in such
applications do so at their own risk and agree to fully indemnify Nordic VLSI ASA for
any damages resulting from such improper use or sale.
Product specification: Revision Date: 29.02.2000.
Datasheet order code: 290200-nRF0433.
All rights reserved ®. Reproduction in whole or in part is prohibited without the prior
written permission of the copyright holder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com