Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STCF04TBR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STCF04TBR
Description  High power white LED SuperCap™ driver with I²C interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF04TBR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STCF04TBR Datasheet HTML 3Page - STMicroelectronics STCF04TBR Datasheet HTML 4Page - STMicroelectronics STCF04TBR Datasheet HTML 5Page - STMicroelectronics STCF04TBR Datasheet HTML 6Page - STMicroelectronics STCF04TBR Datasheet HTML 7Page - STMicroelectronics STCF04TBR Datasheet HTML 8Page - STMicroelectronics STCF04TBR Datasheet HTML 9Page - STMicroelectronics STCF04TBR Datasheet HTML 10Page - STMicroelectronics STCF04TBR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
STCF04
Diagram
Doc ID 022927 Rev 3
7/43
2
Diagram
Figure 1.
Block diagram
TORCH
DIMMING
TORCH
DIMMING
CONTROL
LOGIC
PREREG
& BIAS
I
²C
INTERF
OSCILLATOR & TIME
COUNTER
PROTECTIONS &
DIAGNOSTICS
NTC
BIAS
ON - CHIP
TEMP
OVER -
CURRENT
NTC_ON
LED
LED
FAIL
+
-
+
-
REF4
REF5
VLX1
READY
ATN
SCL
SDA
ADD
NTC
RX
PGND
AGND
NTC_ON
NTC_H
NTC_W
BUCK
CONVERTER
VMID
SUPERCAP
BALANCING &
VOLTAGE
CONTROL
SUPERCAP
BALANCING &
VOLTAGE
CONTROL
PGND
ISENS
FLASH
TRIGGERING
&CURRENT
LIMITITING
FLASH
TRIGGERING
&CURRENT
LIMITITING
CURRENT
SENSING
LSIN
LSCON
DRIVE
AUXLED
TORCH
FLASH
VBAT
RESET
PVBAT
VLX2
BOOST
CONVERTER
VOUT
AUXLED
ENABLE/
1.8 V REF
MX
MX
REF
120 mV..1.2 V
TORCH
DIMMING
TORCH
DIMMING
CONTROL
LOGIC
PREREG
& BIAS
I
²C
INTERF
OSCILLATOR & TIME
COUNTER
PROTECTIONS &
DIAGNOSTICS
NTC
BIAS
ON - CHIP
TEMP
OVER -
CURRENT
NTC_ON
LED
LED
FAIL
+
-
+
-
REF4
REF5
VLX1
READY
ATN
SCL
SDA
ADD
NTC
RX
PGND
AGND
NTC_ON
NTC_H
NTC_W
BUCK
CONVERTER
VMID
SUPERCAP
BALANCING &
VOLTAGE
CONTROL
SUPERCAP
BALANCING &
VOLTAGE
CONTROL
PGND
ISENS
FLASH
TRIGGERING
&CURRENT
LIMITITING
FLASH
TRIGGERING
&CURRENT
LIMITITING
CURRENT
SENSING
LSIN
LSCON
DRIVE
AUXLED
TORCH
FLASH
VBAT
RESET
PVBAT
VLX2
BOOST
CONVERTER
VOUT
AUXLED
ENABLE/
1.8 V REF
MX
MX
REF
120 mV..1.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com