Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STCF04TBR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCF04TBR
Description  High power white LED SuperCap™ driver with I²C interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF04TBR Datasheet(HTML) 1 Page - STMicroelectronics

  STCF04TBR Datasheet HTML 1Page - STMicroelectronics STCF04TBR Datasheet HTML 2Page - STMicroelectronics STCF04TBR Datasheet HTML 3Page - STMicroelectronics STCF04TBR Datasheet HTML 4Page - STMicroelectronics STCF04TBR Datasheet HTML 5Page - STMicroelectronics STCF04TBR Datasheet HTML 6Page - STMicroelectronics STCF04TBR Datasheet HTML 7Page - STMicroelectronics STCF04TBR Datasheet HTML 8Page - STMicroelectronics STCF04TBR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
This is information on a product in full production.
September 2012
Doc ID 022927 Rev 3
1/43
43
STCF04
High power white LED SuperCap™ driver with I²C interface
Datasheet
production data
Features
Buck-boost converter with 1.5 A peak current
limiting and synchronous rectification
Burst mode operation when output is charged
Input voltage range 2.5 V to 5.5 V
Programmable output charging voltage up to
5.5 V
Full I²C control
Operation modes:
– Shutdown mode
– Monitoring mode with NTC and SuperCap
monitoring
– Idle mode
–Flash mode
– Torch mode: up to 320 mA
Controlled LED current in all modes
Soft and hard triggering of Flash, Torch and
Picture light modes
Torch dimming in 12 exponential steps
Flash dimming in 8 steps
Active balancing of SuperCap voltage
SuperCap status flag
Internally or externally timed flash operation
Digitally programmable safety timeout in Flash
mode
Torch mode safety timeout
LED overtemperature detection and protection
with external NTC resistor
Shorted LED failure detection and protection
Chip overtemperature detection and protection
Applications
Cell phones and smartphones
Camera flashes/strobe
PDAs and digital still cameras
Description
The STCF04 is a dedicated and space optimized
high efficiency solution for driving a flash LED
module in cameras, phones, PDAs and other
handheld devices using the SuperCap
technology. It is based on a DC-DC buck-boost
converter, which ensures a proper and efficient
charging control and monitoring of the SuperCap
in the whole battery voltage range. The output
current control ensures a good current regulation
over the forward voltage spread characteristics of
the flash LEDs in Torch and Flash mode
operation. The SuperCap charging current is
limited to a defined value which avoids overload of
the battery. The SuperCap discharge current
flows through the LEDs and the external
MOSFET which must be chosen according to the
desired flash current.
TFBGA25 (3 x 3 mm)
Table 1.
Device summary
Order code
Package
Packaging
STCF04TBR
TFBGA25 (3 x 3 mm)
3000 parts per reel
www.st.com


Similar Part No. - STCF04TBR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCF04TBR STMICROELECTRONICS-STCF04TBR Datasheet
1Mb / 43P
High power white LED SuperCap??driver with I짼C interface
13-Sep-2012
More results

Similar Description - STCF04TBR

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1509 YOBON-YB1509 Datasheet
96Kb / 7P
High-Power White LED Driver
YB1519 YOBON-YB1519 Datasheet
271Kb / 7P
High-Power White LED Driver
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
High power white LED driver with I2C??interface
12-Sep-2007
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
White LED Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF03I STMICROELECTRONICS-STCF03I Datasheet
450Kb / 33P
High power white LED driver with I2CTM interface
12-Sep-2007
STCF03I STMICROELECTRONICS-STCF03I_08 Datasheet
464Kb / 33P
High power white LED driver with I²C interface
10-Sep-2008
logo
Power Analog Micoelectr...
PAM2800 PAM-PAM2800 Datasheet
92Kb / 7P
High Power White LED Driver
logo
STMicroelectronics
STCF04TBR STMICROELECTRONICS-STCF04TBR Datasheet
1Mb / 43P
High power white LED SuperCap??driver with I짼C interface
13-Sep-2012
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
LM27966 White LED Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF05 STMICROELECTRONICS-STCF05 Datasheet
405Kb / 33P
High power white LED driver with I²C interface
July 2010 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com