Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STCF04TBR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STCF04TBR
Description  High power white LED SuperCap™ driver with I²C interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF04TBR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STCF04TBR Datasheet HTML 13Page - STMicroelectronics STCF04TBR Datasheet HTML 14Page - STMicroelectronics STCF04TBR Datasheet HTML 15Page - STMicroelectronics STCF04TBR Datasheet HTML 16Page - STMicroelectronics STCF04TBR Datasheet HTML 17Page - STMicroelectronics STCF04TBR Datasheet HTML 18Page - STMicroelectronics STCF04TBR Datasheet HTML 19Page - STMicroelectronics STCF04TBR Datasheet HTML 20Page - STMicroelectronics STCF04TBR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
STCF04
Detailed description
Doc ID 022927 Rev 3
17/43
8.1.7
READY pin
This pin can be used to monitor the voltage on the SuperCap by the microprocessor. The
status of this pin has different meanings according to the current mode of operation of the
STCF04.
- Idle, Monitoring, Torch mode with TCHV_H=1:
The READY pin goes LOW when the SuperCap voltage reaches the threshold voltage set
by the VDC register, otherwise the READY pin is HIGH when VSuperCap goes below VDC
voltage - 0.2 V of hysteresis. When READY is HIGH it means that it is necessary to recharge
the SuperCap in order to be able to make a flash.
- Torch mode with TCHV_H=0:
The READY pin goes LOW when the SuperCap reaches 4.2 V and is HIGH when the
SuperCap is below 4.2 V and Torch mode is not active.
- FLASH:
The READY pin goes LOW as soon as the SuperCap voltage reaches the threshold voltage
set by the VDC register. It stays LOW until the SuperCap voltage decreases below 4.2 V and
Flash mode is not active. This feature allows the user to perform multiple flashes.
See
Figure 4 below for details.
Figure 4.
Behavior of the READY pin in different modes
Table 7.
I²C address table
ADD pin
A7A6
A5A4
A3A2
A1A0
GND
0
11
00
00
R/W
VBAT
0
11
00
01
R/W
SDA
0
11
00
10
R/W
SCL
0
11
00
11
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com