Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STGAP1S Datasheet(PDF) 36 Page - STMicroelectronics

Part # STGAP1S
Description  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1S Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STGAP1S Datasheet HTML 32Page - STMicroelectronics STGAP1S Datasheet HTML 33Page - STMicroelectronics STGAP1S Datasheet HTML 34Page - STMicroelectronics STGAP1S Datasheet HTML 35Page - STMicroelectronics STGAP1S Datasheet HTML 36Page - STMicroelectronics STGAP1S Datasheet HTML 37Page - STMicroelectronics STGAP1S Datasheet HTML 38Page - STMicroelectronics STGAP1S Datasheet HTML 39Page - STMicroelectronics STGAP1S Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
Functional description
STGAP1S
36/67
DocID027190 Rev 3
Selected failures force the device in “safe state”; the device remains in this state until the
relative status flags are released. Refer to Table 48 on page 58, Table 50 on page 59 and
Table 52 on page 60 for details.
The possibility to clear status registers by setting the SD low allows operating the device
also without using the SPI interface. In order to avoid an unintended clear of fault conditions
it is recommended to disable this functionality by setting the SD_FLAG = '0'.
7.12
Asynchronous stop command
The ASC pin allows to turn-on the GON output acting directly on the isolated driver logic and
regardless of the status of the input pins IN+, IN- and SD. This pin is active high.
The status of this pin is mirrored in the ASC bit present in the STATUS2 register.
The power supply of the isolated section must be present (VH > VHon).
In case UVLO on VH is not enabled, ASC function works for VH values within the
recommended operating values.
This function works even if the VDD voltage is not available or is in UVLO condition.
The priority of such command is lower than that of DESAT and SENSE pins, so the ASC
command is ignored in case of a desaturation or overcurrent fault. After such events the
gate can be turned on again with a low-to-high transition of the ASC pin, or by clearing the
fault condition (see Section 7.11).
7.13
Watchdog
The isolated side provides a watchdog function in order to identify when it is no more able to
communicate with the LV side. In this case the driver is automatically forced in “safe state”
and the REGERRR flag is set.
When the LV side is in the standby mode, turned off or in hardware reset condition, the
isolated side watchdog is still operative and the REGERRR flag is set.
The low voltage side provides a watchdog function in order to identify when it is no more
able to communicate with the isolated side. In this case the REGERRL flag is set and the
device is forced in “safe state”.
7.14
Security check functions
The device allows verifying the gate and sense resistor connections and the functionality of
SENSE and DESAT. This can be achieved through the following security checks:
GON to gate path
GOFF to gate path
SENSE comparator
SENSE resistor
DESAT comparator
The check modes are enabled through a dedicated configuration register TEST1 (refer to
Section 9.2.9 on page 60) and thus require entering in configuration mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com