| Electronic Components Datasheet Search |
|
STGAP1S Datasheet(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STGAP1S Datasheet(HTML) 37 Page - STMicroelectronics |
|
37 / 67 page ![]() DocID027190 Rev 3 37/67 STGAP1S Functional description 67 Only one check mode at a time must be enabled. At the end of security check procedure, the TEST1 register must be set to 0x00 before running the device in normal mode. It is recommended to clear the status register with the ResetStatus command before and after each check. To prevent SD from clearing the STATUS flags, set SD_FLAG = '0' as described in Section 7.11. 7.14.1 GON to gate path check The purpose of this security check is to verify the path integrity including the driver's GON output, the GON (turn-on) gate resistor, the power switch gate and the CLAMP pin (see Figure 17). To perform this test, the following procedure has to be followed: Set SD = low Send StartConfig command Set GONCHK = '1' Send StopConfig command Wait tGchk Read TSD flag –TSD = '0' → OK (VCLAMP > VGchk) –TSD = '1' → FAIL (VCLAMP < VGchk) Please note that during all the time the check is enabled the gate will be forced high (GON turned on) regardless the SD pin level. The user test routine has to take into account this behavior. In any case, when GONCHK = '1', the protections SENSE and DESAT, if enabled, will continue to operate protecting the power switch regardless the SD pin. 7.14.2 GOFF to gate path check The purpose of this security check is to verify the path integrity including the driver's GOFF output, the GOFF (turn-off) gate resistor, the power switch gate and the CLAMP pin (see Figure 17). To perform this test, the following procedure has to be followed: Set SD = low Send StartConfig command Set GOFFCHK = '1' Send StopConfig command Wait tGchk + tGATE_GOFFchk Read DESAT flag – DESAT = '0' → OK (VCLAMP < VCLAMPth) – DESAT = '1' → FAIL (VCLAMP > VCLAMPth) During the check a small current IGOFFchk will be sourced from the CLAMP pin while GOFF is on keeping the gate low through the turn-off gate resistor. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |