Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STL30P3LLH6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL30P3LLH6
Description  High avalanche ruggedness
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL30P3LLH6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL30P3LLH6 Datasheet HTML 3Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 4Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 5Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 6Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 7Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 8Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 9Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 10Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DocID023669 Rev 3
7/15
STL30P3LLH6
Electrical characteristics
Figure 8. Capacitance variations
Figure 9. Normalized gate threshold voltage vs
temperature
Figure 10. Normalized on-resistance vs
temperature
Figure 11. Normalized VDS vs temperature
Figure 12. Source-drain diode forward
characteristics
C
600
400
200
0
0
10
VDS(V)
(pF)
5
15
Ciss
Coss
Crss
20
25
800
1000
1200
1400
1600
AM17935v1
VGS(th)
1
0.8
0.6
0.4
-50
0
TJ(°C)
(norm)
-25
1.2
75
25 50
100
ID=250µA
-75
125 150
AM17936v1
1.2
RDS(on)
TJ(°C)
(norm)
-50
0
-25
75
25 50
100
-75
125 150
1
0.8
0.6
0.4
1.6
1.4
AM17943v1
ID=4.5A
VDS
TJ(°C)
(norm)
0.94
0.96
0.98
1
1.02
1.04
1.06
ID=1mA
1.08
-50
0
-25
75
25 50
100
-75
125 150
AM17938v1
VSD
0
4
ISD(A)
(V)
2
6
0.5
0.6
0.7
TJ=-55°C
TJ=175°C
TJ=25°C
0.8
0.9
1
8
AM17944v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com