Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STL30P3LLH6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL30P3LLH6
Description  High avalanche ruggedness
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL30P3LLH6 Datasheet(HTML) 1 Page - STMicroelectronics

  STL30P3LLH6 Datasheet HTML 1Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 2Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 3Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 4Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 5Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 6Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 7Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 8Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
January 2014
DocID023669 Rev 3
1/15
15
STL30P3LLH6
P-channel 30 V, 0.024
Ω typ., 9 A STripFET™ VI DeepGATE™
Power MOSFET in a PowerFLAT™ 5x6 package
Datasheet
− preliminary data
Figure 1. Internal schematic diagram
Features
• R
DS(on)
* Q
g
industry benchmark
• Extremely low on-resistance R
DS(on)
• High avalanche ruggedness
• Low gate drive power losses
Applications
• Switching applications
Description
This device is a P-channel Power MOSFET
developed using the 6
th
generation of STripFET™
DeepGATE™ technology, with a new gate
structure. The resulting Power MOSFET exhibits
the lowest R
DS(on)
in all packages.
Note:
For the P-channel Power MOSFETs the actual polarity of the voltages and the current must
be reversed.
1
2
3
4
PowerFLAT™ 5x6
Order code
VDS
RDS(on) max
ID
PTOT
STL30P3LLH6
30 V
0.03
Ω
9 A
4.8 W
Table 1. Device summary
Order code
Marking
Package
Packaging
STL30P3LLH6
30P3L
PowerFLAT
TM
5x6
Tape and reel
www.st.com


Similar Part No. - STL30P3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL300N4LF8 STMICROELECTRONICS-STL300N4LF8 Datasheet
606Kb / 15P
N-channel logic level 40 V, 1.0 mΩ max., 304 A, STripFET F8 Power MOSFET in a PowerFLAT 5x6 package
02-Apr-2024
STL305N4LF8AG STMICROELECTRONICS-STL305N4LF8AG Datasheet
949Kb / 15P
Automotive N‑channel logic level 40 V, 1.0 mΩ max., 304 A STripFET F8 Power MOSFET in a PowerFLAT 5x6 package
26-Apr-2024
STL30N10F7 STMICROELECTRONICS-STL30N10F7 Datasheet
1Mb / 15P
Ultra low on-resistance
22-Oct-2013
STL30NF3LL STMICROELECTRONICS-STL30NF3LL Datasheet
169Kb / 6P
N-CHANNEL 30V - 0.008ohm - 30A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
Nov-2001
More results

Similar Description - STL30P3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH290N4F6-2AG STMICROELECTRONICS-STH290N4F6-2AG Datasheet
486Kb / 19P
High avalanche ruggedness
03-Jul-2015
STD20P3H6AG STMICROELECTRONICS-STD20P3H6AG Datasheet
728Kb / 15P
High avalanche ruggedness
18-Sep-2015
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
744Kb / 13P
High avalanche ruggedness
22-Sep-2014
STS7P4LLF6 STMICROELECTRONICS-STS7P4LLF6 Datasheet
396Kb / 13P
High avalanche ruggedness
10-Mar-2015
STH170N8F7-2 STMICROELECTRONICS-STH170N8F7-2 Datasheet
823Kb / 15P
High avalanche ruggedness
20-Feb-2015
STL86N3LLH6AG STMICROELECTRONICS-STL86N3LLH6AG Datasheet
1,009Kb / 16P
High avalanche ruggedness
February 2015 Rev 3
STP220N6F7 STMICROELECTRONICS-STP220N6F7 Datasheet
561Kb / 13P
High avalanche ruggedness
07-Oct-2015
STL4P3LLH6 STMICROELECTRONICS-STL4P3LLH6 Datasheet
766Kb / 13P
High avalanche ruggedness
09-Dec-2014
STL8N6F7 STMICROELECTRONICS-STL8N6F7 Datasheet
893Kb / 12P
High avalanche ruggedness
27-Aug-2015
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
High avalanche ruggedness
July 2009 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com