Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STT6N3LLH6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STT6N3LLH6
Description  Low gate drive power losses
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT6N3LLH6 Datasheet(HTML) 3 Page - STMicroelectronics

  STT6N3LLH6 Datasheet HTML 1Page - STMicroelectronics STT6N3LLH6 Datasheet HTML 2Page - STMicroelectronics STT6N3LLH6 Datasheet HTML 3Page - STMicroelectronics STT6N3LLH6 Datasheet HTML 4Page - STMicroelectronics STT6N3LLH6 Datasheet HTML 5Page - STMicroelectronics STT6N3LLH6 Datasheet HTML 6Page - STMicroelectronics STT6N3LLH6 Datasheet HTML 7Page - STMicroelectronics STT6N3LLH6 Datasheet HTML 8Page - STMicroelectronics STT6N3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DocID023012 Rev 3
3/12
STT6N3LLH6
Electrical ratings
12
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DS
Drain-source voltage
30
V
V
GS
Gate-source voltage
± 20
V
I
D
Drain current (continuous) at T
pcb
= 25 °C
6
A
I
D
Drain current (continuous) at T
pcb
= 100 °C
3.75
A
I
DM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
24
A
P
TOT
Total dissipation at T
C
= 25 °C
1.6
W
Derating factor
0.013
W/°C
T
stg
Storage temperature
-55 to 150
°C
T
j
Max. operating junction temperature
150
°C
Table 3. Thermal resistance
Symbol
Parameter
Value
Unit
R
thj-pcb
(1)
1.
When mounted on FR-4 board of 1 inch², 2oz Cu, t < 10 sec
Thermal resistance junction-pcb max
78
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com