| Electronic Components Datasheet Search |
|
L99MC6GJ Datasheet(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99MC6GJ Datasheet(HTML) 29 Page - STMicroelectronics |
|
29 / 55 page ![]() DocID026835 Rev 3 29/55 L99MC6GJ Functional description of the SPI 52 8.2 SPI communication flow 8.2.1 General description The proposed SPI communication is based on a standard SPI interface structure using CSN (chip select not), SDI (serial data in), SDO (serial data out/error) and SCK (serial clock) signal lines. At the beginning of each communication the master reads the <SPI-frame-ID> register (ROM address 3EH) of the slave device. This 8-bit register indicates the SPI frame length (16 bit for the L99MC6GJ) and the availability of additional features. Each communication frame consists of an instruction byte which is followed by 1 data byte (see Figure 12). The data returned on SDO within the same frame always starts with the <Global Status> register. It provides general status information about the device. It is followed by 1 byte (that is ‘In-frame-response’, see Figure 12). For Write cycles the <Global Status> register is followed by the previous content of the addressed register. For Read cycles the <Global Status> register is followed by the content of the addressed register. 8.2.2 Command byte Each communication frame starts with a command byte. It consists of an operating code which specifies the type of operation (<Read>, <Write>, <Read and Clear Status>, <Read Device Information>) and a 6-bit address. Table 12. Command byte - general description MSB LSB Operating code Address OC1 OC0 A5 A4 A3 A2 A1 A0 Table 13. Data byte - general description MSB LSB Bit7 Bit6 Bit5 Bi4 Bit3 Bit2 Bit1 Bit0 Table 14. Command byte MSB LSB Operating code Address OC1 OC0 A5 A4 A3 A2 A1 A0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |