Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L99MC6GJ Datasheet(PDF) 33 Page - STMicroelectronics

Part # L99MC6GJ
Description  Automotive configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6GJ Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L99MC6GJ Datasheet HTML 29Page - STMicroelectronics L99MC6GJ Datasheet HTML 30Page - STMicroelectronics L99MC6GJ Datasheet HTML 31Page - STMicroelectronics L99MC6GJ Datasheet HTML 32Page - STMicroelectronics L99MC6GJ Datasheet HTML 33Page - STMicroelectronics L99MC6GJ Datasheet HTML 34Page - STMicroelectronics L99MC6GJ Datasheet HTML 35Page - STMicroelectronics L99MC6GJ Datasheet HTML 36Page - STMicroelectronics L99MC6GJ Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
DocID026835 Rev 3
33/55
L99MC6GJ
Functional description of the SPI
52
8.5
Read and Clear Status operation
OC0, OC1: operating code (10 for ‘Read and Clear Status’ mode)
The ‘Read and Clear Status’ operation starts with a command byte followed by 1 data byte.
The content of the data byte is ‘do not care’. The content of the addressed status register is
transferred to SDO within the same frame (‘in-frame response’) and is subsequently
cleared.
A <Read and Clear Status> operation with address 3FH clears all status registers
simultaneously.
A <Read and Clear Status> operation addressed to an unused RAM address or to the
configuration register (3FH) is identical to a <Read mode> operation (in case of unused
RAM address, the second byte is equal to 00H).
The returned data byte represents the content of the register to be read.
Failures are indicated by activating the corresponding bit of the <Global Status> register.
8.6
Read Device Information
OC0, OC1: operating code (11 for ‘Read Device Information’ mode)
The device information is stored at the ROM. In the ROM memory area, the first 8 bits are
used.
All unused ROM addresses is read as ‘0’.
Note:
ROM address 3FH is unused. An attempt to access this address is recognized as a
communication line error (‘Data-in stuck to VCC’) and the standby mode is automatically
entered (all internal registers are cleared).
Table 20. Command byte for Read and Clear Status operation
MSB
LSB
Operating code
Address
1
0
A5
A4
A3
A2
A1
A0
Table 21. Command byte for Read Device Information
MSB
LSB
Operating code
Address
1
1
A5
A4
A3
A2
A1
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com