Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SRK2001ATR Datasheet(PDF) 8 Page - STMicroelectronics

Part # SRK2001ATR
Description  Auto-compensation of parasitic inductance
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2001ATR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SRK2001ATR Datasheet HTML 4Page - STMicroelectronics SRK2001ATR Datasheet HTML 5Page - STMicroelectronics SRK2001ATR Datasheet HTML 6Page - STMicroelectronics SRK2001ATR Datasheet HTML 7Page - STMicroelectronics SRK2001ATR Datasheet HTML 8Page - STMicroelectronics SRK2001ATR Datasheet HTML 9Page - STMicroelectronics SRK2001ATR Datasheet HTML 10Page - STMicroelectronics SRK2001ATR Datasheet HTML 11Page - STMicroelectronics SRK2001ATR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical characteristics
SRK2001A
8/20
DocID029495 Rev 1
BURST-MODE EXITING PROGRAMMING
DON
Restart duty-cycle during
primary controller burst-
mode operation
RPG = 0 
80
%
RPG = 100 k 1%
75
RPG = 180 k 1%
65
RPG open
0
IPROG
Sourced current
(1)At VCC startup
9
10
11
µA
GATE DRIVERS
Isource_pk
Output source peak
current
(3)
-0.35
A
Isink_pk_ZCD
Max. output sink peak
current
ZCD comparator triggered turn-off (3)
4
A
tr
Rise time
140
ns
tf
Fall time (adaptive
turn-off comparator)
Adaptive turn-off triggered turn-off
80
ns
tf_ZCD
Fall time (ZCD_OFF
comparator)
ZCD_OFF comparator triggered turn-off
30
ns
VGDclamp Output clamp voltage
IGD = -5 mA; VCC = 20 V
9
11
13
V
VGDL_UVLO UVLO saturation
VCC = 0 to VCC_On, Isink = 5 mA
1
1.3
V
1. Parameters tracking each other.
2. Low consumption mode is one of the following: primary converter burst-mode detect or the EN pin pulled low.
3. Parameter guaranteed by design.
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min. Typ. Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com