Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SRK2001ATR Datasheet(PDF) 5 Page - STMicroelectronics

Part # SRK2001ATR
Description  Auto-compensation of parasitic inductance
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2001ATR Datasheet(HTML) 5 Page - STMicroelectronics

  SRK2001ATR Datasheet HTML 1Page - STMicroelectronics SRK2001ATR Datasheet HTML 2Page - STMicroelectronics SRK2001ATR Datasheet HTML 3Page - STMicroelectronics SRK2001ATR Datasheet HTML 4Page - STMicroelectronics SRK2001ATR Datasheet HTML 5Page - STMicroelectronics SRK2001ATR Datasheet HTML 6Page - STMicroelectronics SRK2001ATR Datasheet HTML 7Page - STMicroelectronics SRK2001ATR Datasheet HTML 8Page - STMicroelectronics SRK2001ATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DocID029495 Rev 1
5/20
SRK2001A
Absolute maximum ratings
20
3
Absolute maximum ratings
4
Thermal data
Table 3. Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
VCC
1
DC supply voltage
-0.3 to VCCZ
V
ICCZ
1
Internal Zener maximum current (VCC = VCCZ)25
mA
VPROG
10
PROG pin voltage rating
-0.3 to 3.3
V
VEN
9
EN pin voltage rating
-0.3 to 3.3
V
DVS1,2
5, 6
Drain sense voltage referred to source SVS1,2
-3 to 90
V
SVS1,2
4, 7
Source sense voltage referred to GND
-3 to 3
V
Table 4. Thermal data
Symbol
Parameter
Value
Unit
Rth j-amb Max. thermal resistance, junction to ambient(1)
1. With the pin 2 soldered to a dissipating copper area of 25 mm2, 35 µm thickness (PCB material FR4
1.6 mm thickness).
130
°C/W
Rth j-case Max. thermal resistance, junction to case top(1)
10
°C/W
Ptot
Power dissipation at Tamb = 50 °C
0.75
W
Tj
Junction temperature operating range
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com