Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM8S005C6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM8S005C6
Description  Extended instruction set
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005C6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM8S005C6 Datasheet HTML 6Page - STMicroelectronics STM8S005C6 Datasheet HTML 7Page - STMicroelectronics STM8S005C6 Datasheet HTML 8Page - STMicroelectronics STM8S005C6 Datasheet HTML 9Page - STMicroelectronics STM8S005C6 Datasheet HTML 10Page - STMicroelectronics STM8S005C6 Datasheet HTML 11Page - STMicroelectronics STM8S005C6 Datasheet HTML 12Page - STMicroelectronics STM8S005C6 Datasheet HTML 13Page - STMicroelectronics STM8S005C6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
Description
STM8S005C6 STM8S005K6
10/97
DocID022186 Rev 4
2
Description
The STM8S005C6/K6 value line 8-bit microcontrollers offer 32 Kbytes Flash program
memory, plus 128 bytes of data EEPROM. They are referred to as medium-density devices
in the STM8S microcontroller family reference manual (RM0016).
All devices of STM8S005C6/K6 value line provide the following benefits: performance,
robustness, reduced system cost and short development cycles.
Device performance and robustness are ensured by true data EEPROM supporting up to
100000 write/erase cycles, advanced core and peripherals made in a state-of-the-art
technology at 16 MHz clock frequency, robust I/Os, independent watchdogs with separate
clock source, and a clock security system.
The system cost is reduced thanks to a high system integration level with internal clock
oscillators, watchdog, and brown-out reset.
The common family product architecture with compatible pinout, memory map and modular
peripherals allow application scalability and reduced development cycles.
All products operate from a 2.95 V to 5.5 V supply voltage.
Full documentation is offered as well as a wide choice of development tools.
Table 1. STM8S005C6/K6 value line features
Features
STM8S005C6
STM8S005K6
Pin count
48
32
Max. number of GPIOs (I/O)
38
25
External interrupt pins
35
23
Timer CAPCOM channels
9
8
Timer complementary outputs
3
3
A/D converter channels
10
7
High-sink I/Os
16
12
High-density Flash program
memory (bytes)
32 K
32 K
Data EEPROM (bytes)
128
128
RAM (bytes)
2 K
2 K
Peripheral set
Advanced control timer (TIM1), general purpose timers (TIM2
and TIM3), basic timer (TIM4), SPI, I2C, UART, Window WDG,
independent WDG, ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com